Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398AGY Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3398AGY
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398AGY Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3398AGY Datasheet HTML 12Page - Monolithic Power Systems MP3398AGY Datasheet HTML 13Page - Monolithic Power Systems MP3398AGY Datasheet HTML 14Page - Monolithic Power Systems MP3398AGY Datasheet HTML 15Page - Monolithic Power Systems MP3398AGY Datasheet HTML 16Page - Monolithic Power Systems MP3398AGY Datasheet HTML 17Page - Monolithic Power Systems MP3398AGY Datasheet HTML 18Page - Monolithic Power Systems MP3398AGY Datasheet HTML 19Page - Monolithic Power Systems MP3398AGY Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
16
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
amplitude of the PWM signal is 1.5V and the low
level should be less than 0.4V.
Table 1
—The Range of PWM Dimming Duty
fPWM(Hz)
Dmin
Dmax
100<f
200
0.30%
100%
200<f
500
0.75%
100%
500<f
1k
1.50%
100%
1k<f
2k
3.00%
100%
2k<f
5k
7.50%
100%
5k<f
10k
15.00%
100%
10k<f
20k
30.00%
100%
2. Analog Dimming
For analog dimming, apply a PWM signal or a
DC voltage signal to ADIM pin. An internal RC
filter (10Mohm resistor and 100pF capacitor) is
integrated to this pin. So, if a PWM signal applied
to this pin, >20kHz frequency is recommended to
get a better PWM signal filtering performance
and make sure the amplitude voltage is higher
than 1.5V and low level voltage is less than 0.4V
with >15mV/ns slope rate for falling/rising edge.
For DC signal input, please apply a DC input
signal range from 0.4V to 1.5V to linearly set the
LED current from 0% to 100%.
Expanding LED Channels
The MP3398A can expand the number of LED
channels by using two or three MP3398A in
parallel. To connect two MP3398A for a total of 8
LED strings, tie the VCC pins of the master IC
and the slave IC together to power the slave IC
internal logic circuitry. Tie the COMP pins of the
slave IC and the master IC together to regulate
the voltage of all 8 strings LEDs. The slave IC
MOSFET driving signals are not used; the boost
converter can be only driven by the master IC.
Do not leave the ISENSE pin of the slave IC floating;
tie it to ground. Apply the EN and DIM signals to
both ICs.
Layout Considerations
The circuit layout for the MP3398A requires
special attention to reduce EMI noise.
The loop from the external MOSFET (M1),
through the output diode (D1) and the output
capacitor (C2, C3) carry a high-frequency pulse
current and must be as small and short as
possible (See Figure 3).
Figure 3
—Layout Consideration
All logic signals refer to the signal ground. in
order
to
reduce
the
noise
affection,
it
is
recommend to separate the power ground(PGND)
and signal ground(GND), then connect PGND
and GND together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com