Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398DGY Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3398DGY
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398DGY Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3398DGY Datasheet HTML 1Page - Monolithic Power Systems MP3398DGY Datasheet HTML 2Page - Monolithic Power Systems MP3398DGY Datasheet HTML 3Page - Monolithic Power Systems MP3398DGY Datasheet HTML 4Page - Monolithic Power Systems MP3398DGY Datasheet HTML 5Page - Monolithic Power Systems MP3398DGY Datasheet HTML 6Page - Monolithic Power Systems MP3398DGY Datasheet HTML 7Page - Monolithic Power Systems MP3398DGY Datasheet HTML 8Page - Monolithic Power Systems MP3398DGY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
4
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating input voltage
VIN
5
28
V
Supply current (quiescent)
IQ
VIN = 12V, VEN = 5V,
no load without switching
1.2
1.35
1.5
mA
Supply current (operation)
IOP
VIN = 12V, VEN = 5V,
no load with switching
3
5.5
mA
Supply current (shutdown)
IST
VEN = 0V, VIN = 12V
0.01
0.5
μA
LDO output voltage
VCC
VEN = 5V, 7V < VIN < 28V,
0 < IVCC < 10mA
5.4
6
6.6
V
VCC UVLO threshold
VIN_UVLO
Rising edge
3.6
4
4.4
V
VCC UVLO hysteresis
200
mV
EN high voltage
VEN_HIGH
VEN rising
1.4
V
EN low voltage
VEN_LOW
VEN falling
0.6
V
Step-Up Converter
Gate driver impedance
(sourcing)
VCC = 6V, VGATE = 6V
4.5
7
Ω
Gate driver impedance (sinking)
VCC = 6V, IGATE = 10mA
2.5
5
Ω
Switching frequency
fSW
ROSC = 115k
Ω
459
540
621
kHz
ROSC = 374k
Ω
150
180
210
kHz
OSC voltage
VOSC
1.20
1.23
1.26
V
Maximum duty cycle
DMAX
ROSC = 115k
Ω
90
93
%
Cycle-by-cycle ISENSE current
limit
Max duty cycle
175
220
265
mV
COMP source current limit
ICOMP SOLI
1V < COMP < 1.9V
70
μA
COMP sink current limit
ICOMP SILI
1V < COMP < 1.9V
17
μA
COMP transconductance
GCOMP
∆I
COMP = ±10
μA
400
μA/V
Current Dimming
PWM input low threshold
VPWM_LO
VPWM falling
0.6
V
PWM input high threshold
VPWM_HI
VPWM rising
1.4
V
ADIM input low threshold
VADIM_LO
VADIM falling
0.6
V
ADIM input high threshold
VADIM_HI
VADIM rising
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com