Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3801 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3801
Description  190Vpp High Voltage EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3801 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3801 Datasheet HTML 1Page - Monolithic Power Systems MP3801 Datasheet HTML 2Page - Monolithic Power Systems MP3801 Datasheet HTML 3Page - Monolithic Power Systems MP3801 Datasheet HTML 4Page - Monolithic Power Systems MP3801 Datasheet HTML 5Page - Monolithic Power Systems MP3801 Datasheet HTML 6Page - Monolithic Power Systems MP3801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP3801 – 190VPP HIGH VOLTAGE EL LAMP DRIVER
MP3801 Rev. 1.0
www.MonolithicPower.com
2
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE REFERENCE
VDD
RSW_OSC
REL_OSC
GND
1
2
3
4
8
7
6
5
VA
VB
CS
LX
TOP VIEW
Part Number*
Package
Temperature
MP3801DH
MSOP8
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3801DH–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP3801DH–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VDD) .................. –0.5V to +6.0V
Output Voltage (VCS, VA, VB)...... –0.5V to +120V
All Other Pins...................... –0.5V to VDD + 0.3V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature .............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage ............................... 2.5V to 5.5V
Lamp Drive Frequency (fEL) ..........60Hz to 1KHz
Switching Transistor Freq...... 50KHz to 200KHz
Operating Temperature .............–40
°C to +85°C
Thermal Resistance (3) θJA
θJC
MSOP8 .................................. 150 ..... 65...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = VDD = 3.0V, REL=1.7MΩ, RSW=510KΩ, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
On Resistance of Switching
Transistor
RDS(ON)
ISW = 100mA, VCS = 95V
9
Ω
Output Voltage Regulation
VCS
90
95
100
V
Peak to Peak Output Voltage
VA – VB
180
190
200
V
Input Low Voltage (Turn Off)
VEN-L
VDD – 0.6
V
Input High Voltage (Turn On)
VEN-H
VDD – 0.3
V
Shutdown Current
ISD
VEN = 0V
10
nA
Input Supply Current
IVDD
VA, VB Open, VEN = VIN
92
A
Input Current Including Inductor
Current
IIN
A 2kΩ resistor is series
with a 10nF capacitor
connected between VA
and VB
20
mA
EL Lamp Frequency
fEL
200
240
274
Hz
Switching Transistor Frequency
fSW
85
KHz
Switching Transistor Duty Cycle
D
92
%
Note:
4) Shutdown current is defined as the sum of currents going into VDD, VCS, and SW nodes.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com