Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398EGP Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3398EGP
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGP Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3398EGP Datasheet HTML 1Page - Monolithic Power Systems MP3398EGP Datasheet HTML 2Page - Monolithic Power Systems MP3398EGP Datasheet HTML 3Page - Monolithic Power Systems MP3398EGP Datasheet HTML 4Page - Monolithic Power Systems MP3398EGP Datasheet HTML 5Page - Monolithic Power Systems MP3398EGP Datasheet HTML 6Page - Monolithic Power Systems MP3398EGP Datasheet HTML 7Page - Monolithic Power Systems MP3398EGP Datasheet HTML 8Page - Monolithic Power Systems MP3398EGP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
4
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
EN
LED1
OSC
LED2
OVP
14
13
12
11
Exposed Pad
Connect to GND
ISENSE
16
15
7
8
COMP
ADIM
LED3
GATE
10
9
3
4
5
6
1
2
VCC
VIN
PWM
GND
LED4
ISET
VIN
LED4
VCC
ISET
GATE
14
13
12
11
ADIM
16
15
7
8
GND
LED2
OSC
COMP
10
9
3
4
5
6
1
2
PWM
LED1
LED3
OVP
EN
ISENSE
TSSOP-16EP
PDIP-16
ABSOLUTE MAXIMUM RATINGS
(1)
VIN................................................ -0.3V to +40V
VLED1 to VLED4 ............................... -0.3V to +80V
All other pins............................... -0.3V to +6.5V
Continuous power dissipation (TA = 25°C)
(2)
TSSOP-
16EP………………………….…...2.78W
PDIP16……………………………………...1.39W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Recommended Operating Conditions
(3)
Supply voltage (VIN) ........................ 4.5V to 33V
Max LED current.....................................400mA
Operating junction temp........... -40°C to +125°C
Thermal Resistance
(4)
θ
JA
θ
JC
TSSOP-16 EP ....................... 45....... 10 ... °C/W
PDIP-16 ................................ 90....... 25 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
am
bient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com