Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5073 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5073
Description  5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5073 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5073 Datasheet HTML 8Page - Monolithic Power Systems MP5073 Datasheet HTML 9Page - Monolithic Power Systems MP5073 Datasheet HTML 10Page - Monolithic Power Systems MP5073 Datasheet HTML 11Page - Monolithic Power Systems MP5073 Datasheet HTML 12Page - Monolithic Power Systems MP5073 Datasheet HTML 13Page - Monolithic Power Systems MP5073 Datasheet HTML 14Page - Monolithic Power Systems MP5073 Datasheet HTML 15Page - Monolithic Power Systems MP5073 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP5073
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH PROGRAMMABLE CURRENT LIMIT
MP5073 Rev. 1.2
www.MonolithicPower.com
13
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
ILIM Resistor Selection
The current limit value can be set by ILIM
resistor. The current limit can be gotten by
equation (1).
The current limit threshold is suggested to 10%
~ 20% higher than maximum load current. For
example, if the system’s full load is 2A, set the
current limit to 2.2A.
Soft Start Capacitor Selection
There is an internal 11µA constant current
source charge SS cap and ramps up the
voltage on the SS pin. The output voltage rises
follow the 5 times the slew rate of SS voltage.
If the inrush on output current reached the
current limit during start up (like with large
output cap or very large load), MP5073 will limit
the output current and the same time, SS time
will be increased (Figure 2 and Figure 3).
Soft Start @ Different Load
VOUT
Soft Start @ No Load
Soft Start @ Half Load
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large Load
Current Limit
Current Limit
Current Limit
Figure 2: Soft Start Periods at Different Load
Soft Start @ Different Output Capacitance
VOUT
Soft Start @ Small Capacitance
Soft Start @ Large Capacitance
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large
Capacitance
Current Limit
Current Limit
Current Limit
Figure 3: Soft Start Periods at Different
Output Capacitance
DESIGN EXAMPLE
Some design example and are provided below
Table 1
VIN
(V)
Current limit
(A)
Rlimit
(k
Ω)
SS cap
(nF)
SS time
(ms)
3.6
0.5
47
22
1
3.6
1
27.4
47
2.4
3.6
2
15
100
5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com