Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5077 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5077
Description  5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5077 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5077 Datasheet HTML 6Page - Monolithic Power Systems MP5077 Datasheet HTML 7Page - Monolithic Power Systems MP5077 Datasheet HTML 8Page - Monolithic Power Systems MP5077 Datasheet HTML 9Page - Monolithic Power Systems MP5077 Datasheet HTML 10Page - Monolithic Power Systems MP5077 Datasheet HTML 11Page - Monolithic Power Systems MP5077 Datasheet HTML 12Page - Monolithic Power Systems MP5077 Datasheet HTML 13Page - Monolithic Power Systems MP5077 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP5077 – 5.5V, 7A, LOW RDSON LOAD SWITCH WITH PROGRAMMABLE CURRENT LIMIT
MP5077 Rev. 1.01
www.MonolithicPower.com
13
6/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Figure 4: Typical Application Schematic
Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference. Place RLIMIT
close to ILIM pin, input cap close to VCC pin. Put
enough vias around IC to achieve better
thermal performance.
GND
EN
Vin
Vin
Vout
GND
GND
ILIM
VCC
C1
C2
C3
C4
C5
C6
R1
GND
GND
Figure 5: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com