Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L080 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12L080
Description  12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L080 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12L080 Datasheet HTML 1Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 2Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 3Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC12L080
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with
Internal Reference
General Description
The ADC12L080 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 80 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with digital
error correction and an on-chip sample-and-hold circuit to
minimize die size and power consumption while providing
excellent dynamic performance. The ADC12L080 can be
operated with either the internal or an external reference.
Operating on a single 3.3V power supply, this device con-
sumes just 425 mW at 80 MSPS, including the reference
current. The Power Down feature reduces power consump-
tion to just 50 mW.
The differential inputs provide a full scale input swing equal
to ±V
REF. The buffered, high impedance, single-ended ex-
ternal reference input is converted on-chip to a differential
reference for use by the processing circuitry. Output data
format may be selected as either offset binary or two’s
complement.
This device is available in the 32-lead LQFP package and
operates over the industrial temperature range of −40˚C to
+85˚C.
Features
n
Single supply operation
n
Low power consumption
n
Power down mode
n
Internal or external reference
n
Selectable Offset Binary or 2’s Complement data format
n
Pin-compatible with ADC12010, ADC12020, ADC12040,
ADC12L063, ADC12L066
Key Specifications
n
Full Power Bandwidth
450 MHz
n
DNL
±0.4 LSB (typ)
n
SNR (f
IN = 10 MHz)
66 dB (typ)
n
SFDR (f
IN = 10 MHz)
80 dB (typ)
n
Power Consumption, 80 MHz
—
Operating
425 mW (typ)
—
Power Down
50 mW (typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Cellular Base Stations/Communication Receivers
n
Sonar/Radar
n
xDSL
n
Wireless Local Loops
n
Data Acquisition Systems
n
DSP Front Ends
Connection Diagram
20061001
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
October 2004
© 2004 National Semiconductor Corporation
DS200610
www.national.com


Similar Part No. - ADC12L080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12L080 TI1-ADC12L080 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
450 MHz Bandwidth A/D Converter
ADC12L080 TI2-ADC12L080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
ADC12L080 TI2-ADC12L080 Datasheet
1Mb / 33P
ADC12L080 12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
REVISED MARCH 2013
ADC12L080CIVY/NOPB TI1-ADC12L080CIVY/NOPB Datasheet
1,006Kb / 31P
450 MHz Bandwidth A/D Converter
More results

Similar Description - ADC12L080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com