Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24UC/21AU Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # PLC-RSP-24UC/21AU
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24UC/21AU Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button PLC-RSP-24UC/21AU Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 12Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 13Page - PHOENIX CONTACT PLC-RSP-24UC/21AU Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Input
Description
voltage
UN
1)
Type
Order No.
Pcs./ Pkt.
PLC interface, consisting of
base terminal block PLC-BSP…SEN and
pluggable miniature relay
24 V DC
(see catalog part 6, page 32),
120 V AC/110 V DC
for mounting on
3
3
3
3
230 V AC/220 V DC 2)
equipped with universal
multi-layer contact relay
PLC-RSP- 24DC/1AU/SEN
29 67 37 4
10
PLC-RSP-120UC/1AU/SEN
29 67 39 0
10
PLC-RSP-230UC/1AU/SEN
29 67 41 3
10
PLC interface, consisting of
base terminal block PLC-BSP…SEN and
pluggable miniature relay
24 V DC
(see catalog part 6, page 32),
120 V AC/110 V DC
for mounting on
3
3
3
3
230 V AC/220 V DC 2)
equipped with
power contact relay
PLC-RSP- 24DC/1/SEN
29 67 36 1
10
PLC-RSP-120UC/1/SEN
29 67 38 7
10
PLC-RSP-230UC/1/SEN
29 67 40 0
10
Technical data
Input data
Nominal input voltage UN
Permissible input voltage range
Typ. input current at UN
Typ. response time at UN
Typ. release time at UN
Input circuit
24 V DC
120, 230 V AC/DC
24 V DC
120 V AC/
230 V AC/
110 V DC
220 V DC 2)
see diagram catalog part 6, page 25
9 mA
3.5/3 mA
3 mA
5 ms
6 ms
7 ms
8 ms
15 ms
15 ms
operation indicator, polarity protection diode, damping diode
operation indicator, bridge rectifier
Output data
Contact type
Contact material
Max. switching voltage
Min. switching voltage
Limiting continuous current
Max. inrush current
Min. switching current
Max. power rating, ohmic load:
24 V DC
48 V DC
60 V DC
110 V DC
220 V DC
250 V AC
Min. switching capacity
PLC-R…/1/SEN
PLC-R…/1AU/SEN
Single contact, 1 N/O contact5)
Single contact, 1 N/O contact5)
AgSnO
AgSnO + 5 µ Au 3)
250 V AC/DC 2)
30 V AC/36 V DC
12 V AC/DC
100 mV
6 A
50 mA
on request
50 mA
10 mA
1 mA
140 W
1.2 W
20 W
18 W
23 W
40 W
1500 VA
120 mW
100 µW
General data
Test voltage input/output
Ambient temperature range
Duty type rating
Inflammability class
Mechanical service life
Standards/regulations
Installation position/assembly
Type of connection
4 kV, 50 Hz, 1 min.
– 20 °C to + 55 °C (24 V types to +60 °C)
100 % ED
V0 in acc. with UL 94
107 cycles
IEC 664/IEC 664 A/DIN VDE 0110, contamination class3,
Surge voltage category III, DIN VDE 0160 (in relev. parts),
IEC 255/DIN VDE 0435 (in relev. parts), DIN VDE 0106-101: 1986-11,
increased insulation I/O 4)
as desired, in rows with zero spacing
spring cage connection
1) Further input voltages available on request.
2) For voltages higher than 250 V (e.g. L1, L2, L3) between identical
terminal blocks of adjacent modules, the PLC-ATP separating plate
(see catalog part 6, page 34) should be installed.
3) If the maximum values indicated are exceeded, the gold layer is
destroyed. The values of the AgSnO contact are then valid.
4) For protective isolation between identical terminal blocks of adjacent
modules, the PLC-ATP separating plate (see catalog part 6, page
34) should be installed.
5) N/C contact on request.
Notes:
Type of housing: polyamide PA non-reinforced,
Color: green, see catalog part 6, page 149
Marking systems and mounting material, see catalog part 3/4.
The rated cross section (see catalog part 6, page 151) refers to
untreated conductors without ferrules.
For the protection of input and output, inductive loads must be
dampened with an effective protection circuit.
Due to the input circuit integrated in the base terminal block (see
catalog part 6, page 32), a 60 V relay, REL-MR-60DC/..., is used with
the 120 V and 230 V modules.
The PLC-ATP separating plate (see catalog part 6, page 34) must
always be installed at the beginning and end of a PLC terminal
strip.
PLC Sensor Interface with Relay
– now also with spring cage connection system!
PHOENIX CONTACT page 10 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com