Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT827 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT827
Description  DC Input 8-Pin Phototransistor Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT827 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT827 Datasheet HTML 1Page - CT Micro International Corporation CT827 Datasheet HTML 2Page - CT Micro International Corporation CT827 Datasheet HTML 3Page - CT Micro International Corporation CT827 Datasheet HTML 4Page - CT Micro International Corporation CT827 Datasheet HTML 5Page - CT Micro International Corporation CT827 Datasheet HTML 6Page - CT Micro International Corporation CT827 Datasheet HTML 7Page - CT Micro International Corporation CT827 Datasheet HTML 8Page - CT Micro International Corporation CT827 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CT Micro
Preliminary
Proprietary & Confidential
Page 1
Jun, 2017
CT827 Series
DC Input 8-Pin Phototransistor Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
High isolation 5000 VRMS
DC input with transistor output
Operating temperature range - 55 °C to 110 °C
External Creepage
≥ 7.5mm (S/SL Type)
External Creepage
≥ 8.0mm (SLM Type)
RoHS compliant
REACH compliance
Green material
Regulatory Approvals
UL - UL1577 (E364000) (pending approval)
VDE - EN60747-5-5(VDE0884-5)
CQC
– GB4943.1, GB8898
IEC60065, IEC60950
Description
The CT827 series consists of dual channels each
contains a photo transistor optically coupled to a
gallium arsenide Infrared-emitting diode in a 8-lead
DIP package different lead forming options.
Applications
Switch mode power supplies
Computer peripheral interface
Microprocessor system interface


Similar Part No. - CT827

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CT800A HAMMOND-CT800A Datasheet
284Kb / 1P
Current Transformers - Indoor Toroidal CT Series
logo
LUMEL S.A.
CT801 LUMEL-CT801 Datasheet
65Kb / 1P
TEMPERATURE SEN SOR
logo
List of Unclassifed Man...
CT8020 ETC1-CT8020 Datasheet
84Kb / 4P
ELECTRICAL CHARACTERSTICS
CT8022 ETC1-CT8022 Datasheet
1Mb / 194P
VOIP/VON G.723.1, G279AB TRUESPEECH CO-PROCESSOR
CT8022A11AQC ETC1-CT8022A11AQC Datasheet
1Mb / 194P
VOIP/VON G.723.1, G279AB TRUESPEECH CO-PROCESSOR
More results

Similar Description - CT827

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
4N25 CTMICRO-4N25 Datasheet
1Mb / 14P
DC Input 6-Pin Phototransistor Optocoupler
CNY17-1 CTMICRO-CNY17-1 Datasheet
1Mb / 14P
DC Input 6-Pin Phototransistor Optocoupler
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816L CTMICRO-CT816L Datasheet
1Mb / 16P
DC Low Current Input 4-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
DC Input 4-Pin Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com