Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S021 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S021
Description  Single Channel, 500 kSPS, 8-Bit A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S021 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC101S021 Datasheet HTML 1Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 2Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 3Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 4Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
3500V
300V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to V
A
Clock Frequency
4 MHz to 10 MHz
Sample Rate
up to 500 kSPS
Analog Input Voltage
0V to V
A
Package Thermal Resistance
Package
θ
JA
6-lead LLP
78˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC081S051 Converter Electrical Characteristics (Note 9)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, fSCLK = 4 MHz to 10 MHz,
f
SAMPLE = 200 kSPS to 500 kSPS, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
INL
Integral Non-Linearity
+0.06
+0.3
LSB (max)
−0.07
−0.3
LSB (min)
DNL
Differential Non-Linearity
+0.07
+0.2
LSB (max)
−0.06
−0.2
LSB (min)
V
OFF
Offset Error
+0.03
±0.2
LSB (max)
GE
Gain Error
±0.08
±0.4
LSB (max)
TUE
Total Unadjusted Error
+0.8
+0.2
LSB (max)
−0.07
−0.3
LSB (min)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
49.6
49
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
49.6
49
dB (min)
THD
Total Harmonic Distortion
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
−70
−65
dB (max)
SFDR
Spurious-Free Dynamic Range
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
67
65
dB (min)
ENOB
Effective Number of Bits
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
7.9
7.8
Bits (min)
IMD
Intermodulation Distortion, Second
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−68
dB
Intermodulation Distortion, Third
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−68
dB
FPBW
-3 dB Full Power Bandwidth
V
A = +5V
11
MHz
V
A = +3V
8
MHz
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com