Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHF-252 Datasheet(PDF) 2 Page - Mini-Circuits

Part # XHF-252
Description  High Pass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

XHF-252 Datasheet(HTML) 2 Page - Mini-Circuits

  XHF-252 Datasheet HTML 1Page - Mini-Circuits XHF-252 Datasheet HTML 2Page - Mini-Circuits XHF-252 Datasheet HTML 3Page - Mini-Circuits XHF-252 Datasheet HTML 4Page - Mini-Circuits XHF-252 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reflectionless
High Pass Filter
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M160317
XHF-252+
ED15042922
MY/CP/AM
170530
XHF-252+
50
Ω
2460 to 10400 MHz
General Description
Mini-Circuits’ XHF-252+ reflectionless filter employs a novel filter topology which absorbs and terminates
stop band signals internally rather than reflecting them back to the source. This new capability enables
unique applications for filter circuits beyond those suited to traditional approaches. Traditional filters are
reflective in the stop band, sending signals back to the source at 100% of the power level. These reflections
interact with neighboring components and often result in inter-modulation and other interferences. Reflec-
tionless filters eliminate stop band reflections, allowing them to be paired with sensitive devices and used
in applications that otherwise require circuits such as isolation amplifiers or attenuators.
simplified schematic and pad description
Function
Pad
Number
Description
RF-IN
2
RF Input Pad
RF-OUT
8
RF Output Pad
GND
1,3,7,9, Paddle
Connected to ground
NC (GND Externally)
4,5,6,10,11,12
No internal connection
1
GND
NC
2
3
4
5
6
9
8
7
12
11
10
NC
NC
GND
RF-OUT
GND
GND
RF-IN
NC
NC
NC
Applications
• Wi-Fi
• WiMax
• Microwave Radio
• Military & Space
Available Tape
and Reel
at no extra cos
t
Reel Size Devices/Reel
7”
20, 50, 100, 200, 500, 1000, 2000
Features
• Match to 50Ω in the stop band, eliminates
undesired reflections
• Cascadable
• Excellent Power handling
• Temperature stable, up to 105°C
• Small size, 3 x 3 mm
• Protected by US Patent No. 8,392,495
CASE STYLE: DQ1225
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com