Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS11014.3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS11014.3
Description  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS11014.3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS11014.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CIT SWITCH Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
CIT SWITCH
TM
CS1101
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
180 +/- 50gF
Actuator Travel
.25 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
Actuator
4/6 Nylon
Housing
4/6 Nylon
Cover
Stainless Steel
Contacts
Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
CS1101
CS1101
2. Actuator Length “L” (mm):
4.3
5.0
4.3
DIMENSIONS
SCHEMATIC & PC LAYOUT
Part Number
“L” (mm)
CS11014.3
4.3
CS11015.0
5.0


Similar Part No. - CS11014.3

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CS11014.3 CIT-CS11014.3 Datasheet
114Kb / 1P
DIMENSIONS SCHEMATIC & PC LAYOUT
More results

Similar Description - CS11014.3

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com