Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4941 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4941
Description  Infrared Emitter (940 nm)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4941 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4941 Datasheet HTML 1Page - OSRAM GmbH SFH-4941 Datasheet HTML 2Page - OSRAM GmbH SFH-4941 Datasheet HTML 3Page - OSRAM GmbH SFH-4941 Datasheet HTML 4Page - OSRAM GmbH SFH-4941 Datasheet HTML 5Page - OSRAM GmbH SFH-4941 Datasheet HTML 6Page - OSRAM GmbH SFH-4941 Datasheet HTML 7Page - OSRAM GmbH SFH-4941 Datasheet HTML 8Page - OSRAM GmbH SFH-4941 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2015-12-23
4
Version 1.2
SFH 4941
Relative Spectral Emission 2) page 9
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 9
Ie / Ie(40 mA) = f(IF), single pulse, tp = 40 µs,
TA= 25°C
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 750 K / W
Forward Current 2) page 9
IF = f(VF), single pulse, tp = 40 µs, TA= 25°C
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF05660
3
10
Ι
e
(40 mA)
e
Ι
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
10
0
10
1
2
10
0
0
˚C
TA
F
I
mA
OHF05661
20
40
60
80
100
5
10
15
20
25
30
35
40
45
0
I
OHF05642
F
VF
mA
V
10
2
3
10
0
10
1
10
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com