Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-5410 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-5410
Description  IR-Empf채nger f체r Fernbedienungen
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5410 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-5410 Datasheet HTML 1Page - OSRAM GmbH SFH-5410 Datasheet HTML 2Page - OSRAM GmbH SFH-5410 Datasheet HTML 3Page - OSRAM GmbH SFH-5410 Datasheet HTML 4Page - OSRAM GmbH SFH-5410 Datasheet HTML 5Page - OSRAM GmbH SFH-5410 Datasheet HTML 6Page - OSRAM GmbH SFH-5410 Datasheet HTML 7Page - OSRAM GmbH SFH-5410 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2008-10-06
4
SFH 5410
Figure 1
Blockschaltbild / Block Diagram
Figure 2
Externe Beschaltung / External Circuit
2)
Die volle Empfindlichkeit wird bei einer Burstlänge von mindestens 6 Pulsen erreicht. Die Reichweite bei
Verwendung eines typischen Senders (SFH 4510/SFH 4515,
I
F = 500 mA) beträgt etwa 15 m.
2)
A minimum burst length of 6 pulses is necessary for full sensitivity. The transmission distance with a typical
transmitter (SFH 4510/SFH 4515,
I
F = 500 mA) is about 15 m.
OHF00404
Demodulator
Bandpass
AGC
Control
Input
GND
V
CC
PIN
Circuit
23 k
Ω
OUT
OHF00430
4.7 µF
>10 k
Ω
100
Ω
µC
+5 V
1
IR-Receiver
3
2
∗)
optional
GND
∗)
∗)
only necessary to suppress power supply disturbances



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com