Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-5440 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-5440
Description  Schmitt-Trigger IC in Smart DIL Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5440 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-5440 Datasheet HTML 1Page - OSRAM GmbH SFH-5440 Datasheet HTML 2Page - OSRAM GmbH SFH-5440 Datasheet HTML 3Page - OSRAM GmbH SFH-5440 Datasheet HTML 4Page - OSRAM GmbH SFH-5440 Datasheet HTML 5Page - OSRAM GmbH SFH-5440 Datasheet HTML 6Page - OSRAM GmbH SFH-5440 Datasheet HTML 7Page - OSRAM GmbH SFH-5440 Datasheet HTML 8Page - OSRAM GmbH SFH-5440 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2010-09-15
1
2010-09-15
Schmitt-Trigger IC in Smart DIL Package
Schmitt-Trigger IC im Smart DIL Gehäuse
Version 1.0
SFH 5440
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Features:
Besondere Merkmale:
• Output: active "low"
• Ausgang: aktiv "low"
• Suitable for applications from 400 nm to 1100 nm
• Geeignet für Anwendungen von 400 nm bis
1100 nm
• Available on tape and reel
• Gegurtet lieferbar
Applications
Anwendungen
• Optical threshold switch
• Optischer Schalter
•Pulseformer
• Pulsformer
•Counter
• Zähler
Type:
Ordering Code
Typ:
Bestellnummer
SFH 5440
Q65110A1212
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation temperature range
Betriebstemperatur
Top
-40 ... 85
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Supply voltage
Betriebsspannung
VCC
-0.5 ... 20
V


Similar Part No. - SFH-5440

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-5410 OSRAM-SFH-5410 Datasheet
164Kb / 8P
IR-Empf채nger f체r Fernbedienungen
More results

Similar Description - SFH-5440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS104C ETC-PS104C Datasheet
42Kb / 1P
BUILT-IN SCHMITT TRIGGER CIRCUIT
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
SFH5140 OSRAM-SFH5140 Datasheet
49Kb / 6P
Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
Gabellichtschranke mit Schmitt-Trigger IC
SFH5840 OSRAM-SFH5840 Datasheet
231Kb / 7P
Schmitt-Trigger IC in TO-18 Package with Glass Lens
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
SFH3400 OSRAM-SFH3400 Datasheet
644Kb / 13P
Smart DIL
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
Smart DIL
SFH-5140-F OSRAM-SFH-5140-F Datasheet
159Kb / 11P
Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com