Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-5712 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5712 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-5712 Datasheet HTML 1Page - OSRAM GmbH SFH-5712 Datasheet HTML 2Page - OSRAM GmbH SFH-5712 Datasheet HTML 3Page - OSRAM GmbH SFH-5712 Datasheet HTML 4Page - OSRAM GmbH SFH-5712 Datasheet HTML 5Page - OSRAM GmbH SFH-5712 Datasheet HTML 6Page - OSRAM GmbH SFH-5712 Datasheet HTML 7Page - OSRAM GmbH SFH-5712 Datasheet HTML 8Page - OSRAM GmbH SFH-5712 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SFH 5712
2010-03-31
4
Modes
OFF
If VDD = 0 or not connected the device is inactive. Other units may use the I2C bus
without any restrictions; I/O pins are in Z state.
STAND-BY
This is the initial mode after power-up
. I
DD is below 2.5μA. No measurement is
performed. Only register 0x80 can be read and written. Device can be activated by
I
2C bus communication.
ACTIVE
Measurements are triggered internally by SFH5712. The measurement repetition
rate is 2/s. Measurement results can be read from the data register
OFF
STAND-BY
ACTIVE
V
DD connected
V
DD= 0V
activation
deactivation
V
DD= 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com