Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7250 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7250 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-7250 Datasheet HTML 1Page - OSRAM GmbH SFH-7250 Datasheet HTML 2Page - OSRAM GmbH SFH-7250 Datasheet HTML 3Page - OSRAM GmbH SFH-7250 Datasheet HTML 4Page - OSRAM GmbH SFH-7250 Datasheet HTML 5Page - OSRAM GmbH SFH-7250 Datasheet HTML 6Page - OSRAM GmbH SFH-7250 Datasheet HTML 7Page - OSRAM GmbH SFH-7250 Datasheet HTML 8Page - OSRAM GmbH SFH-7250 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2015-12-14
4
Version 1.3
SFH 7250
Grouping (TA = 25 °C)
Dark current
(V
CE = 25 V, E = 0)
(typ (max)) ICE0
1 (≤ 200)
nA
Photocurrent
(λ = 880 nm, E
e = 0.1 mW/cm
2, V
CE = 5 V)
I
PCE
≥ 16
µA
Rise and fall time
(IC = 1 mA, VCC = 5 V, RL = 1 kΩ)
(typ)
t
r, tf
7
µs
Collector-emitter saturation voltage
(IC = 5 µA, Ee = 0.1 mW/cm
2)
(typ)
VCEsat
150
mV
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
IF = 70 mA, tp = 20 ms
IF = 70 mA, tp = 20 ms
IF = 500 mA, tp = 100 µs
Ie, min
Ie, max
Ie, typ
SFH 7250-Q
6.3
12.5
55
SFH 7250-R
10
20
90
Note:
Measured at a solid angle of Ω = 0.01 sr.
Relative Spectral Emission 2) page 15
(typ) Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 15
Ie / Ie(70 mA) = f(IF), single pulse, tp = 25 µs
Parameter
Symbol
Values
Unit
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF04406
I
F
mA
10
5 10
5 10
10 3
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e (70 mA)
I
e
I
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com