Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7252 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-7252
Description  Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7252 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-7252 Datasheet HTML 1Page - OSRAM GmbH SFH-7252 Datasheet HTML 2Page - OSRAM GmbH SFH-7252 Datasheet HTML 3Page - OSRAM GmbH SFH-7252 Datasheet HTML 4Page - OSRAM GmbH SFH-7252 Datasheet HTML 5Page - OSRAM GmbH SFH-7252 Datasheet HTML 6Page - OSRAM GmbH SFH-7252 Datasheet HTML 7Page - OSRAM GmbH SFH-7252 Datasheet HTML 8Page - OSRAM GmbH SFH-7252 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2016-01-07
4
Version 1.0
SFH 7252
Reverse current
(V
R = 5 V)
(typ (max)) IR
not designed for
reverse operation
µA
Total radiant flux
(I
F = 70 mA, tp = 20 ms)
(typ)
Φ
e
50
mW
Radiant intensity
(IF = 70 mA, tp = 20 ms)
(typ)
I
e, typ
15
mW/sr
Radiant intensity in axial direction
(IF = 70 mA, tp = 20 ms)
(min)
Ie, min
6.3
mW / sr
Temperature coefficient of Ie or Φe
(I
F = 70 mA, tp = 20 ms)
(typ)
TCI
-0.3
% / K
Temperature coefficient of V
F
(I
F = 70 mA, tp = 20 ms)
(typ)
TC
V
-0.8
mV / K
Temperature coefficient of λ
peak
(IF = 70 mA, tp = 20 ms)
(typ)
TC
λ peak
0.3
nm / K
Relative Spectral Emission 3) page 15
(typ) Irel = f(λ), TA = 25°C
Radiant Intensity 3) page 15
Ie / Ie(70 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
Parameter
Symbol
Values
Unit
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05702
3
10
Ι
e
(70 mA)
e
Ι
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
10
0
10
1
10
-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com