Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7776 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # SFH-7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7776 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button SFH-7776 Datasheet HTML 17Page - OSRAM GmbH SFH-7776 Datasheet HTML 18Page - OSRAM GmbH SFH-7776 Datasheet HTML 19Page - OSRAM GmbH SFH-7776 Datasheet HTML 20Page - OSRAM GmbH SFH-7776 Datasheet HTML 21Page - OSRAM GmbH SFH-7776 Datasheet HTML 22Page - OSRAM GmbH SFH-7776 Datasheet HTML 23Page - OSRAM GmbH SFH-7776 Datasheet HTML 24Page - OSRAM GmbH SFH-7776 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Version 1.2
SFH 7776
2016-04-25
21
Persistence Register (0x43h)
Settings for the interrupt activation and of the persistence interrupt function. Persistence function is only
valid for the PS measurements.
0 proximity output
0000
X1
X1
00 25 mA
1 Infrared DC level
output
0100
X2
X1
01 50 mA
0101
X2
X2
10 100 mA
1010
X64
X64
11 200 mA
1110
X128
X64
1111
X128
X128
rest
forbidden
R/W-Register 0x43
Bit
7
6
5
4
3
2
1
0
Reserved (read only) Persistence
default 0000
0001 Interrupt status is updated after each measurement
R/W-Register 0x42
Bit
7
6
5 4 3 2
1
0
Reserved
(read only)
PS output
ALS Gain for ALS VIS and ALS
IR
LED current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com