Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-9245 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-9245
Description  Reflective Interrupter with Schmitt-Trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9245 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-9245 Datasheet HTML 1Page - OSRAM GmbH SFH-9245 Datasheet HTML 2Page - OSRAM GmbH SFH-9245 Datasheet HTML 3Page - OSRAM GmbH SFH-9245 Datasheet HTML 4Page - OSRAM GmbH SFH-9245 Datasheet HTML 5Page - OSRAM GmbH SFH-9245 Datasheet HTML 6Page - OSRAM GmbH SFH-9245 Datasheet HTML 7Page - OSRAM GmbH SFH-9245 Datasheet HTML 8Page - OSRAM GmbH SFH-9245 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2013-11-05
4
Version 1.1
SFH 9245
Operating Conditions
Betriebsbedingungen
Turn-on time
Einschaltzeit
(VCC = 5 V, IF = 20 mA, RL = 280 k )
(typ)
ton
1
μs
Turn-off time
Ausschaltzeit
(VCC = 5 V, IF = 20 mA, RL = 280 k )
(typ)
toff
2
μs
Interrupter
Lichtschranke
Threshold current
Schaltschwelle
(Kodak neutral white testcard with 90% reflection;
VCC = 5 V, d = 1 mm)
(typ (max)) IF,on
1 ( 5)
mA
Hysteresis
Hysterese
(typ
(min..max)
)
Ie,off / Ie,on 0.6 (0.5 ... 0.9) -
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Supply voltage
Betriebsspannung
VCC
4 ... 18
V
Output current
Ausgangsstrom
IOUT
16
mA
Note: A bypass capacitor, 0.1 μF typical, connected between VCC and GND is recommended in order to stabilize
power supply line.
Anm.: Zur Stabilisierung der Versorgung wird ein Stützkondensator (angeschlossen zwischen VCC und GND) von
typ. 0.1 μF empfohlen.
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com