Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-9540 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-9540
Description  Slotted Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9540 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-9540 Datasheet HTML 1Page - OSRAM GmbH SFH-9540 Datasheet HTML 2Page - OSRAM GmbH SFH-9540 Datasheet HTML 3Page - OSRAM GmbH SFH-9540 Datasheet HTML 4Page - OSRAM GmbH SFH-9540 Datasheet HTML 5Page - OSRAM GmbH SFH-9540 Datasheet HTML 6Page - OSRAM GmbH SFH-9540 Datasheet HTML 7Page - OSRAM GmbH SFH-9540 Datasheet HTML 8Page - OSRAM GmbH SFH-9540 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2015-12-23
4
Version 1.3
SFH 9540
Dark Current 2) page 10
ICEO = f(TA), VCE = 20 V, E = 0
Power Consumption
Ptot = f(TA)
T
OHF00380
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
0
nA
20
40
60
80
100
˚C
T
OHF00410
A
tot
P
0
0
20
40
60
80
100
˚C
20
40
60
80
100
120
140
160
Detector
Emitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com