Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion, Fully Differential ADC Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. E | Page 16 of 30
10
0
–120
–110
1.5
2.5
FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.4
2.3
VOUT, dm = 2V p-p
(ENVELOPE)
Figure 37. 2 MHz Intermodulation Distortion (LFCSP)
130
40
50
60
70
80
90
100
110
120
0.1
1
10
100
FREQUENCY (MHz)
SOIC
LFCSP
Figure 38. CMRR vs. Frequency
–10
–80
0.1
1
10
100
FREQUENCY (MHz)
–70
–60
–50
–20
–30
–40
VOUT, dm = 2V p-p
Figure 39. Output Balance vs. Frequency
–60
–130
0.1
1
10
100
FREQUENCY (MHz)
–120
–110
–100
–70
–80
–90
CHANNEL 1 TO CHANNEL 2
CHANNEL 2 TO CHANNEL 1
VOUT, dm = 2V p-p
Figure 40. Crosstalk vs. Frequency, ADA4940-2
120
20
0.1
1
10
100
FREQUENCY (MHz)
30
40
50
60
70
80
110
90
100
+PSRR
–PSRR
Figure 41. PSRR vs. Frequency
100
–40
0
–210
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
–195
–180
–165
–150
–135
–120
–105
–90
–75
–60
–45
–30
–15
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
Figure 42. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com