Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HmC451lp3e Datasheet(PDF) 5 Page - Analog Devices

Part # HmC451lp3e
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HmC451lp3e Datasheet(HTML) 5 Page - Analog Devices

  HmC451lp3e Datasheet HTML 1Page - Analog Devices HmC451lp3e Datasheet HTML 2Page - Analog Devices HmC451lp3e Datasheet HTML 3Page - Analog Devices HmC451lp3e Datasheet HTML 4Page - Analog Devices HmC451lp3e Datasheet HTML 5Page - Analog Devices HmC451lp3e Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
HMC451LP3 / 451LP3E
v01.0118
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 18 GHz
Pin Descriptions
pin number
function
Description
interface schematic
1, 2, 4 - 9, 11,
12, 14, 16
n/C
This pin may be connected to rf/DC ground.
performance will not be affected.
3
rfin
This pin is AC coupled
and matched to 50 ohms.
10
rfoUT
This pin is AC coupled
and matched to 50 ohms.
13
Vdd2
power supply Voltage for the ampliier. external bypass
capacitors of 100 pf, 1,000 pf and 2.2 µf are required.
15
Vdd1
power supply Voltage for the ampliier. external bypass
capacitors of 100 pf, 1,000 pf and 2.2 µf are required.
GnD
package bottom must be connected to rf/DC ground.
Component
Value
C1, C2
100 pf
C3, C4
1,000 pf
C5, C6
2.2 µf
Application Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com