Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6409
Description  Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6409 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6409 Datasheet HTML 9Page - Analog Devices LTC6409 Datasheet HTML 10Page - Analog Devices LTC6409 Datasheet HTML 11Page - Analog Devices LTC6409 Datasheet HTML 12Page - Analog Devices LTC6409 Datasheet HTML 13Page - Analog Devices LTC6409 Datasheet HTML 14Page - Analog Devices LTC6409 Datasheet HTML 15Page - Analog Devices LTC6409 Datasheet HTML 16Page - Analog Devices LTC6409 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6409
13
6409fb
For more information www.linear.com/LTC6409
Finally, noise figure can be obtained as:
NF = 10log 1+
eno2
eno2(RS)


Figure 7 specifies the measured total output noise (eno),
excluding the noise contribution of source resistance, and
noise figure (NF) of LTC6409 configured at closed loop
gains (AV = RF/RI) of 1V/V, 2V/V and 5V/V. The circuits
in the left column use termination resistors and trans-
formers to match to the 50Ω source resistance, while the
circuits in the right column do not have such matching.
For simplicity, DC-blocking and bypass capacitors have
not been shown in the circuits, as they do not affect the
noise results.
Relationship Between Different Linearity Metrics
Linearity is, of course, an important consideration in many
amplifier applications. This section relates the inter-mod-
ulation distortion of fully differential amplifiers to other
linearity metrics commonly used in RF style blocks.
Intercept points are specifications that have long been
used as key design criteria in the RF communications
world as a metric for the intermodulation distortion
performance of a device in the signal chain (e.g., ampli-
fiers, mixers, etc.). Intercept points, like noise figures,
can be easily cascaded back and forth through a signal
chain to determine the overall performance of a receiver
chain, thus resulting in simpler system-level calculations.
Traditionally, these systems use primarily single-ended RF
amplifiers as gain blocks designed to operate in a 50Ω
environment, just like the rest of the receiver chain. Since
intercept points are given in dBm, this implies an associ-
ated impedance of 50Ω.
However, for LTC6409 as a differential feedback amplifier
with low output impedance, a 50Ω resistive load is not
required (unlike an RF amplifier). This distinction is impor-
tant when evaluating the intercept point for LTC6409. In
fact, the LTC6409 yields optimum distortion performance
when loaded with 200Ω to 1kΩ (at each output), very
similar to the input impedance of an ADC. As a result,
terminating the input of the ADC to 50Ω can actually be
detrimental to system performance.
APPLICATIONS INFORMATION
Figure 6. A More General Noise Model Including
Source and Termination Resistors
calculation, a termination resistor (RT) is included and
its noise contribution is taken into account.
Now, the total output noise power (excluding the noise
contribution of RS) is calculated as:
eno 2 = eni • 1+
RF
RI +
RT ||RS
2




2
+ 2 • in •RF
(
)2 +
2 • enRI •
RF
RI +
RT ||RS
2




2
+ 2 • enRF 2 +
enRT •
RF
RI
•
2RI ||RS
RT + 2RI ||RS
(
)


2
Meanwhile, the output noise power due to noise of RS is
given by:
eno 2 (RS) = enRS •
RF
RI
•
2RI ||RT
RS + 2RI ||RT
(
)


2
–
+
eno2
RF
VOCM
enRI2
RF
RI
RI
RS
enRF2
enRS2
RT
enRT2
enRI2
eni2
enRF2
in+2
in–2
6409 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com