Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6376 Datasheet(PDF) 21 Page - Linear Technology

Part # LT6376
Description  짹230V Common Mode Voltage G = 10 Difference Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6376 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT6376 Datasheet HTML 17Page - Linear Technology LT6376 Datasheet HTML 18Page - Linear Technology LT6376 Datasheet HTML 19Page - Linear Technology LT6376 Datasheet HTML 20Page - Linear Technology LT6376 Datasheet HTML 21Page - Linear Technology LT6376 Datasheet HTML 22Page - Linear Technology LT6376 Datasheet HTML 23Page - Linear Technology LT6376 Datasheet HTML 24Page - Linear Technology LT6376 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT6376
21
6376f
For more information www.linear.com/LT6376
APPLICATIONS INFORMATION
Example: An LT6376 in a DFN package mounted on a PC
board has a thermal resistance of 43°C/W. Operating on
±25V supplies and driving a 2.5kΩ load to 12.5V with
V+IN = 230V and DIV = 10.3, the total power dissipation
is given by:
PD = (50 • 0.6mA) + 12.52/2.5k + 2302/84.17k
+ (228.75 – 230/10.3)2/76k
+ (230/10.3)2/8.26k + (230/10.3
– 12.5)2/760k = 1.342W
Assuming a thermal resistance of 43°C/W, the die tem-
perature will experience a 57.7°C rise above ambient.
This implies that the maximum ambient temperature the
LT6376 should operate under the above conditions is:
TA =150°C – 57.7°C = 92.3°C
Keep in mind that the DFN package has an exposed pad
which can be used to lower the qJA of the package. The
more PCB metal connected to the exposed pad, the lower
the thermal resistance.
The MSOP package has no exposed pad and a higher
thermal resistance (qJA = 130°C/W). It should not be used
in applications which have a high ambient temperature,
require driving a heavy load, or require an extreme input
voltage.
THERMAL SHUTDOWN
For safety, the LT6376 will enter shutdown mode when
the die temperature rises to approximately 163°C. This
thermal shutdown has approximately 9°C of hysteresis
requiring the die temperature to cool 9°C before enabling
the amplifier again.
USE AT OTHER PRECISION DC GAINS
The array of resistors within the LT6376 provides numer-
ous configurable connections that provide precision gains
other than the G = 10 differential gain options described
previously. Note that only the +IN and –IN pins can oper-
ate outside of the supply window. Since most of these
alternate configurations involve driving the REFx pins, as
well as the +IN and –IN pins, the input signals must be less
than the supply voltages. Fully differential gains are avail-
able as shown in Table 9, and may be output-shifted with a
REF offset signal. These configurations allow the LT6376
to be used as a versatile precision gain block with essen-
tially no external components besides the supply decou-
pling. In most cases, only a single positive supply will be
required. In Table 9, connections are identified as NC (no
connect), INPUT (refers to both inputs driven, +signal to
+pins,–signal to –pins), CROSS (refers to inputs cross-
coupled, +signal to –pins, –signal to +pins), OUT (refers
to the output fed back to –pins), or REF (refers to con-
necting the REF pin to +pins). The same configurations
provide inverting gains by grounding any pins intended
for the +signal source. The differential input resistance is
also tabulated as well as the amplification factor of the
internal gain section involved (noise-gain, which helps to
estimate the error-budget of the configuration).
Single-ended noninverting gains are also available as
shown in Table 10, including many that operate as buf-
fers (loaded only by the op amp input bias). A rich option
set exists by using the REF pin as an additional variable.
In Table 10, connections are identified as NC (no con-
nect), INPUT (driven by the input), OUT (fed back from the
output), or GROUND (grounded). Table 10 also includes
tabulations of the internal resistor divider (DIV), noise
gain (re-amplification), and the input loading presented
by the circuit.
USE AS PRECISION AC GAIN BLOCK
In AC-coupled applications operating from a single power
supply, it is useful to set the output voltage near mid-
supply to maximize dynamic range. The LT6376 readily
supports this with no additional biasing components by
connecting specific pins to the V+ and V– potentials and
AC-coupling the signal paths. Table 11 shows the available
inverting gains and also tabulates the load resistances
presented at the input. In Table 11, connections are identi-
fied as NC (no connect), AC IN (AC-coupled to the input)
OUT (fed back from the output), tied to V+, tied to V–,
or AC GND (AC- grounded). All pins that require an AC
ground can share a single bypass capacitor. Likewise, all
pins driven from the source signal may share a coupling
capacitor as well. The output should also connect to the
load circuitry using a coupling capacitor to block the mid-
supply DC voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com