Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N7002KA
Description  N Channel MOSFET ESD Protected 2000V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002KA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N7002KA Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002KA Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002KA Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018. 03. 29
2/3
2N7002KA
Revision No :5
VDD
RL
VOUT
ton
toff
tr
tf
td(on)
VOUT
VIN
OUTPUT
PULSE WIDTH
INVERTED
INPUT
td(off)
90%
10%
10%
50%
50%
90%
90%
VIN
VGS
G
S
D
ELECTRICAL CHARACTERISTICS (Ta=25
℃
℃)
ON CHARACTERISTICS (Note 3)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μA
1.1
-
2.35
V
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=500mA
-
-
2.3
Ω
VGS=5V, ID=50mA
-
1.7
2.7
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=200mA
(Note 1)
-
-
1.15
V
DYNAMIC CHARACTERISTICS
SWITCHING TIME TEST CIRCUIT
Note
3) Pulse Test : Pulse Width≤80㎲, Duty Cycle≤1%
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1㎒
-
18.0
-
pF
Reverse Transfer Capacitance
Crss
-
3.0
-
Output Capacitance
Coss
-
7.0
-
Gate Resistance
Rg
-
850
-
Ω
Switching Time
Turn-On Time
ton
VDD=30V, RL=155Ω, ID=190㎃,
VGS=10V
-
15
-
nS
Turn-Off Time
toff
-
40
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com