Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8642S Datasheet(PDF) 21 Page - Linear Technology

Part # LT8642S
Description  18V, 10A Synchronous Step-Down Silent Switcher 2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8642S Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8642S Datasheet HTML 17Page - Linear Technology LT8642S Datasheet HTML 18Page - Linear Technology LT8642S Datasheet HTML 19Page - Linear Technology LT8642S Datasheet HTML 20Page - Linear Technology LT8642S Datasheet HTML 21Page - Linear Technology LT8642S Datasheet HTML 22Page - Linear Technology LT8642S Datasheet HTML 23Page - Linear Technology LT8642S Datasheet HTML 24Page - Linear Technology LT8642S Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT8642S
21
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Power Good
When the LT8642S’s output voltage is within the ±8%
window of the regulation point, the output voltage is
considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PG pin low. To prevent glitching both the upper and
lower thresholds include 0.4% of hysteresis. PG is valid
when VIN is above 2.8V.
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 0.99V, INTVCC has fallen
too low, VIN is too low, or thermal shutdown.
Paralleling
To increase the possible output current, two LT8642Ss
can be connected in parallel to the same output. To do
this, the VC and FB pins are connected together, and each
LT8642S’s SW node is connected to the common out-
put through its own inductor. The CLKOUT pin of one
LT8642S should be connected to the SYNC/MODE pin
of the second LT8642S to have both devices operate
in the same mode. During FCM, Spread Spectrum, and
Synchronization modes, both devices will operate at the
same frequency and phase. Figure 6 shows an applica-
tion where two LT8642Ss are paralleled to get one output
capable of up to 20A.
Shorted and Reversed Input Protection
The LT8642S will tolerate a shorted output. Several fea-
tures are used for protection during output short-circuit
and brownout conditions. The first is the switching
frequency will be folded back while the output is lower
than the set point to maintain inductor current control.
Second, the bottom switch current is monitored such that
if inductor current is beyond safe levels switching of the
top switch will be delayed until such time as the inductor
current falls to safe levels.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source, floated or tied high, the LT8642S will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where the
output will be held high when the input to the LT8642S is
absent. This may occur in battery charging applications or
in battery-backup systems where a battery or some other
supply is diode ORed with the LT8642S’s output. If the VIN
pin is allowed to float and the EN pin is held high (either
by a logic signal or because it is tied to VIN), then the
LT8642S’s internal circuitry will pull its quiescent current
through its SW pin. This is acceptable if the system can
tolerate current draw in this state. If the EN pin is grounded
the SW pin current will drop to near 1µA. However, if the
VIN pin is grounded while the output is held high, regard-
less of EN, parasitic body diodes inside the LT8642S
can pull current from the output through the SW pin and
the VIN pin. Figure 7 shows a connection of the VIN and
EN/UV pins that will allow the LT8642S to run only when
the input voltage is present and that protects against a
shorted or reversed input.
Figure 6. Paralleling Two LT8642Ss
LT8642S
8642S F06
SW
CLKOUT
VC
FB
LT8642S
FB
VC
SYNC/MODE
SW
COUT
R1
C1
VOUT
20A
L1
L2
R2
RC
CC
Figure 7. Reverse VIN Protection
VIN
VIN
D1
LT8642S
EN/UV
8642S F07
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com