Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2992 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2992 Datasheet HTML 17Page - Linear Technology LTC2992 Datasheet HTML 18Page - Linear Technology LTC2992 Datasheet HTML 19Page - Linear Technology LTC2992 Datasheet HTML 20Page - Linear Technology LTC2992 Datasheet HTML 21Page - Linear Technology LTC2992 Datasheet HTML 22Page - Linear Technology LTC2992 Datasheet HTML 23Page - Linear Technology LTC2992 Datasheet HTML 24Page - Linear Technology LTC2992 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
LTC2992
21
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
condition by transitioning SDA from low to high while SCL
stays high. The bus is then free for another transmission.
Stuck-Bus Reset
TheLTC2992I2Cinterfacefeaturesastuck-busresettimer
to prevent it from holding the bus lines low indefinitely if
the SCL signal is interrupted during a transfer. The timer
starts when either SCL or SDAI is low, and resets when
both SCL and SDAI are pulled high. If either SCL or SDAI
are low for over 33ms, the stuck-bus timer will expire, and
the internal I2C interface and the SDAO pin pull-down logic
will be reset to release the bus. Normal communication
will resume at the next START command.
Acknowledge
The acknowledge signal is used for handshaking between
the master and the slave to indicate that the last byte of
data was received. The master always releases the SDA
line during the acknowledge clock pulse. The LTC2992 will
pull the SDA line low on the 9th clock cycle to acknowledge
receipt of the data. If the slave fails to acknowledge by
leaving SDA high, then the master can abort the transmis-
sion by generating a STOP condition. When the master is
receivingdatafromtheslave,themastermustacknowledge
the slave by pulling down the SDA line during the 9th clock
pulse to indicate receipt of a data byte. After the last byte
has been received by the master, it will leave the SDA line
high (not acknowledge) and issue a STOP condition to
terminate the transmission.
Write Protocol
The master begins a write operation with a START condi-
tion followed by the 7-bit slave address and the R/W bit
set to zero. After the addressed LTC2992 acknowledges
the address byte, the master then sends a command byte
that indicates which internal register the master wishes to
write. The LTC2992 acknowledges this and then latches
thecommandbyteintoitsinternalregisteraddresspointer.
The master then delivers the data byte and the LTC2992
acknowledges once more and writes the data into the in-
ternal register pointed to by the register address pointer. If
the master continues sending additional data bytes with a
writewordorextendedwritecommand,theadditionaldata
bytes will be acknowledged by the LTC2992, the register
address pointer will automatically increment by one, and
data will be written as previously stated. The write opera-
tion terminates and the register address pointer resets to
0x00 when the master sends a STOP condition.
Read Protocol
The master begins a read operation with a START condi-
tion followed by the 7-bit slave address and the R/W bit
set to zero. After the addressed LTC2992 acknowledges
the address byte, the master then sends a command byte
that indicates which internal register the master wishes to
read.TheLTC2992acknowledgesthisandthenlatchesthe
command byte into its internal register address pointer.
The master then sends a repeated START condition fol-
lowed by the same 7-bit address with the R/W bit now set
to 1. The LTC2992 acknowledges and sends the contents
of the requested register. The transmission terminates
when the master sends a STOP condition. If the master
acknowledges the transmitted data byte, as in a read word
command, the LTC2992 will send the contents of the next
register. If the master keeps acknowledging, the LTC2992
will keep incrementing the register address pointer and
sending out data bytes. The read operation terminates
and the register address pointer resets to 0x00 when the
master sends a STOP condition.
Alert Response Protocol
When any of the fault bits in the fault registers (FAULT1,
FAULT2, FAULT3 and FAULT4) are set, a bus alert is gener-
ated if the appropriate bit in the ALERT1, ALERT2, ALERT3
or ALERT4 registers has been set. This allows the bus
mastertoselectwhichfaultswillgeneratealerts.Atpower-
up, all ALERT registers are cleared (no alerts enabled) and
the GPIO4 (ALERT) pin is high. If an alert is enabled, the
corresponding fault causes the GPIO4 (ALERT) pin to pull
low. The bus master responds to the alert in accordance
with the SMBus alert response protocol by broadcasting
the alert response address (0001100)b, and the LTC2992
replieswithitsownaddressandreleasesitsGPIO4(ALERT)
pin, as shown in Figure 15. The GPIO4 (ALERT) line is also
released if CTRLB[7] is set and the LTC2992 is addressed
(see Table 6) by any message. The GPIO4 (ALERT) signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com