Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3622 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3622 Datasheet HTML 16Page - Linear Technology LTC3622 Datasheet HTML 17Page - Linear Technology LTC3622 Datasheet HTML 18Page - Linear Technology LTC3622 Datasheet HTML 19Page - Linear Technology LTC3622 Datasheet HTML 20Page - Linear Technology LTC3622 Datasheet HTML 21Page - Linear Technology LTC3622 Datasheet HTML 22Page - Linear Technology LTC3622 Datasheet HTML 23Page - Linear Technology LTC3622 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
21
3622fc
For more information www.linear.com/LTC3622
PACKAGE DESCRIPTION
3.00
±0.10
(2 SIDES)
4.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WGED-3) IN JEDEC
PACKAGE OUTLINE MO-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
±0.10
BOTTOM VIEW—EXPOSED PAD
1.70
±0.10
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
3.00 REF
1.70
±0.05
1
7
14
8
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DE14) DFN 0806 REV B
PIN 1 NOTCH
R = 0.20 OR
0.35
× 45°
CHAMFER
3.00 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.20
±0.05
0.70
±0.05
3.60
±0.05
PACKAGE
OUTLINE
0.25
±0.05
0.25
±0.05
0.50 BSC
3.30
±0.05
3.30
±0.10
0.50 BSC
DE Package
14-Lead Plastic DFN (4mm
× 3mm)
(Reference LTC DWG # 05-08-1708 Rev B)
Please refer to http://www.linear.com/product/LTC3622#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com