Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3894 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3894
Description  150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3894 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3894 Datasheet HTML 17Page - Linear Technology LTC3894 Datasheet HTML 18Page - Linear Technology LTC3894 Datasheet HTML 19Page - Linear Technology LTC3894 Datasheet HTML 20Page - Linear Technology LTC3894 Datasheet HTML 21Page - Linear Technology LTC3894 Datasheet HTML 22Page - Linear Technology LTC3894 Datasheet HTML 23Page - Linear Technology LTC3894 Datasheet HTML 24Page - Linear Technology LTC3894 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3894
21
Rev 0
For more information www.analog.com
Figure 7. Programmable Power Good UV
LTC3894
PGUV
VOUT
RUV2
RUV1
3894 F07
APPLICATIONS INFORMATION
a conventional power good cannot be used because 9V
is under the VFB UV threshold (12V – 10% or 10.8V).
In this example, the PGOOD window is defined between
10% above 12V and 10% below 9V. The Output Voltage
OV (VOUTOV) is 13.2V and Output Voltage UV (VOUTUV)
is 8.1V.
To set PGUV to trigger at 9V minus 10% or 8.1V use a
resistor divider as seen in Figure 7. The resistors RUV1
and RUV2 set the divided output to the PGUV pin. VOUTUV
is defined as the voltage where the divided output on the
PGUV pin is 0.72V (0.8V – 10%). The resistor divider may
be calculated as follows:
RUV(1,2) is chosen based on IQ current requirements.
RUV(1,2) = RUV1+RUV2 = Assume 500k
RUV1 = RUV(1,2) •
0.72V
VOUTUV
RUV1 = 500k •
0.72V
8.1
= 44k
RUV2 = RUV(1,2) –RUV1 = 500k – 44k = 456k, Use 453k
External N-Channel MOSFET Bias Path for the Gate
Driver (DRVUV/EXTG Pin and EXTS Pin)
The LTC3894 has an internal LDO to regulate the gate
driver bias voltage (VIN-CAP) to a nominal 8V and provide
the gate drive current. The amount of the gate current
depends on the external P-channel MOSFET gate capaci-
tance and switching frequency. Charging and discharging
the gate of the external P-channel MOSFET will result in an
effective gate drive current and power loss inside the chip.
For applications where a large gate drive current and
high VIN generate excessively high internal power dis-
sipation, the LTC3894 offers an option to bypass the
internal LDO with an external N-channel MOSFET. This
option will move the power dissipation off chip and lower
the internal chip temperature. To effectively keep the chip
and board temperature low, sufficient heat sink is required
for the N-channel MOSFET. The connections for the
N-channel MOSFET are shown in the Functional Diagram
on page 10. Connecting the N-channel MOSFET auto-
matically select the UVLO threshold of 6V. External buf-
fer resistor REXTG (1k) and ceramic bypass capacitors
CEXTS and CEXTG (0.1µF each, 20V rated) are required and
need to be placed as close as practical to the N-channel
MOSFET source terminal and EXTG pin respectively to
ensure stable operation.
External N-Channel MOSFET Selection
When selecting an external NMOS device for the external
gate driver charge path, threshold VGS(TH) ,maximum VDS
rating, and maximum power rating need to be considered
for the maximum VIN used in an application . A NMOS with
VGS(TH) less than 5V should be used. During operation,
the maximum continuous voltage drop across the external
N-channel MOSFET VDS can be calculated as:
VDS(EXT.NMOS) = VIN – 8V
The average current flowing through the NMOS can be
calculated as:
IAVG_NMOS = QG(ext. PFET) • f
where QG(ext. PFET) is the total Gate charge needed to turn
on the external PFET in a switching cycle, f is the switch-
ing frequency.
Total power dissipation in the N-channel MOSFET is:
PNMOS = VDS(EXT.NMOS) • IAVG_NMOS = (VIN – 8V) •
QG(ext. PFET) • f
As it can be seen, the maximum power dissipation occurs
at maximum VIN of 150V.
For example , in an application where VIN = 150V,
QG(ext. PFET) = 30nC, f = 350kHz, PNMOS = 142V • 30nC •
350kHz = 142V • 10.5mA = 1.49W
Sufficient heat sink is needed to remove the heat
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com