Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC4366-2 Datasheet HTML 1Page - Linear Technology LTC4366-2 Datasheet HTML 2Page - Linear Technology LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc2150af
DEMO MANUAL DC2150A
QUICK START PROCEDURE
Connect a 28V supply to the input and connect a load at
the output. A good output load choice is a 10Ω power
resistor rated at more than 200W. If the banana jacks are
used, no connections are necessary at the turrets. The
green LED turns on to indicate that the output is powered.
If the load at the output sinks less than 28mA, place
jumper JP1 in the 1kΩ position to preload the output (be
aware that preload resistors R34 and R35 may become
hot as they dissipate nearly 2W when the input is at 44V).
With less than 28mA of load current, MIL-STD-1275D’s
repeated 100V/50ms input surge test causes capacitors
C1-C12 to remain charged at 67V for an extended period
of time while the output voltage is regulated to 44V. This
is not harmful, but it may cause the LT4363 to timeout
and shutoff Q4.
Now, lower the input voltage to 8V. The output remains
powered. In fact, the output remains powered to even
DC2150A is available from Linear Technology as
DC2150A-C. This C version provides 4A to the load dur-
ing all conditions except the ripple condition, where 2.8A
is available to the load for up to one minute. Exceeding
2.8A during the ripple condition may cause the circuit to
timeout in less than one minute. DC2150A-C provides un-
interrupted power to the load during both the 100V/500ms
worst-case surge envelope of MIL-STD-1275D and the
repeated 100V/50ms recommended test. (Figure 1 shows
DC2150A-C riding through the 100V/500ms surge. Figure
2 shows it riding through the repeated 100V/50ms surges.
Figure5showsDC2150A-Cprovidinguninterruptedpower
during a ±7V input ripple event.)
Schematics and a bill of materials are provided for three
additional assembly options. Versions DC2150A-A and
DC2150A-B provide a minimum of 2A of current to the load
lower voltages, but component tolerances, especially the
MOSFET threshold voltages, prevent guaranteed opera-
tion below 8V.
Next, raise the input voltage above 50V. The output shuts
offasthecircuitdetectsahighinputvoltage.Oncetheinput
is brought back to 28V, the output power is automatically
reapplied after a cooldown timer cycle. Be patient, it can
take 30 seconds for power to be reapplied.
MIL-STD-1275D Requirements
Refer to Linear Technology Journal article, High Voltage
Surge Stoppers Ease MIL-STD-1275D Compliance by
Replacing Bulky Passive Components, and the MIL-STD-
1275D, Characteristics of 28 Volt DC Electrical Systems in
Military Vehicles, United States Department of Defense In-
terfaceStandardforathoroughdescriptionofrequirements.
andridethroughthe100V/50msrepeatedsurgesspecified
intheMIL-STD-1275Drecommendedtests.Theseversions
are not guaranteed to ride through the worst-case 500ms
envelope in the MIL-STD-1275D specifications. No dam-
age will occur, but these versions may shut off when faced
with the full 100V/500ms worst-case envelope. Versions
DC2150A-C and DC2150A-D provide at least 4A of current
totheloadandridethroughthe100V/50msrepeatedsurges
and the full worst-case 100V/500ms surge. (Refer to the
MIL-STD-1275D standard and Linear Technology Journal
article,HighVoltageSurgeStoppersEaseMIL-STD-1275D
CompliancebyReplacingBulkyPassiveComponents,fora
morethoroughdescriptionoftheserequirements.)Versions
DC2150A-A and DC2150A-C provide 1A and 2.8A during
the ripple condition, respectively. Versions DC2150A-B
and DC2150A-D shutoff immediately when ripple occurs
on the input, but they have a reduced bill of materials cost.
ASSEMBLY OPTIONS
Table 1. DC2150A Assembly Options
STUFFING OPTION
MAX LOAD
MAX LOAD DURING RIPPLE
100V/50ms SURGE
(FIVE REPEATS)
100V/500ms SURGE
DC2150A-A
2A
1A
Yes
No
DC2150A-B
2A
N/A
Yes
No
DC2150A-C
4A
2.8A
Yes
Yes
DC2150A-D
4A
N/A
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com