Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA10318 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10318
Description  ~9째 smooth spot beam. Assembly with tape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10318 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10318 Datasheet HTML 1Page - Ledil, Inc. CA10318 Datasheet HTML 2Page - Ledil, Inc. CA10318 Datasheet HTML 3Page - Ledil, Inc. CA10318 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10318_TITANUM-O-SS
TITANUM-O-SS
~9° smooth spot beam. Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
14.8 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TITANUM-O-SS
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10318

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10318 CREE-CA10318 Datasheet
100Kb / 2P
Titanum series
More results

Similar Description - CA10318

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12376 LEDIL-CA12376_18 Datasheet
9Mb / 8P
~20째 smooth spot beam. Assembly with holder and installation tape.
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
~9째 smooth spot beam
CN15529 LEDIL-CN15529 Datasheet
7Mb / 7P
~9째 spot beam with holder
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
CA16672 LEDIL-CA16672 Datasheet
6Mb / 7P
~9째 spot beam beam. Optimized for high-power 3535 size LED packages. Assembly with holder and installation tape.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
~25째 spot beam. Assembly with installation tape.
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
C11347 LEDIL-C11347 Datasheet
3Mb / 6P
~9째 spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com