Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA10319 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10319
Description  ~35째 8째 oval beam. Assembly with tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10319 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10319 Datasheet HTML 1Page - Ledil, Inc. CA10319 Datasheet HTML 2Page - Ledil, Inc. CA10319 Datasheet HTML 3Page - Ledil, Inc. CA10319 Datasheet HTML 4Page - Ledil, Inc. CA10319 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA10319_TITANUM-O-O
TITANUM-O-O
~35° 8° oval beam. Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
14.9 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
6.9 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TITANUM-O-O
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10319

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10319 CREE-CA10319 Datasheet
104Kb / 2P
Titanum series
More results

Similar Description - CA10319

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
~35째 8째 oval beam. Assembly with installation tape.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
CA10563 LEDIL-CA10563 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam. Assembly with installation tape.
CP14995 LEDIL-CP14995 Datasheet
6Mb / 8P
~35째 12째 oval beam
CP14877 LEDIL-CP14877 Datasheet
2Mb / 5P
~90째 35째 oval beam
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP17596 LEDIL-CP17596 Datasheet
1Mb / 4P
~35째 15째 oval beam
FA11204 LEDIL-FA11204 Datasheet
2Mb / 7P
~35째 x 15째 oval beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com