Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11016 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11016
Description  ~14째 spot beam optimized for CREE XP-E.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11016 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11016 Datasheet HTML 1Page - Ledil, Inc. CA11016 Datasheet HTML 2Page - Ledil, Inc. CA11016 Datasheet HTML 3Page - Ledil, Inc. CA11016 Datasheet HTML 4Page - Ledil, Inc. CA11016 Datasheet HTML 5Page - Ledil, Inc. CA11016 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CA11016_TINA2-RS
TINA2-RS
~14° spot beam optimized for CREE XP-E.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.7 mm
Fastening
tape
Colour
black
Box size
451 x 241 x 298 mm
Box weight
8.1 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-RS
Lens
PMMA
clear
TINA2-XP-HLD-TAPE-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11016

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11016 CREE-CA11016 Datasheet
1Mb / 19P
Tina series
CA11016-TINA2-RS CREE-CA11016-TINA2-RS Datasheet
794Kb / 12P
Tina2 series
More results

Similar Description - CA11016

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12677 LEDIL-CP12677 Datasheet
2Mb / 4P
~14째 spot beam optimized for CREE XP-E. Assembly with holder.
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
CA11481 LEDIL-CA11481 Datasheet
2Mb / 7P
~9.6째 spot beam optimized for CREE XP-E.
CA11482 LEDIL-CA11482 Datasheet
2Mb / 8P
~14째 diffused spot beam optimized for CREE XP-E
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
CP11627 LEDIL-CP11627 Datasheet
2Mb / 6P
~15째 spot beam optimized for CREE XP-E
CP11632 LEDIL-CP11632 Datasheet
3Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA10663 LEDIL-FA10663 Datasheet
1Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
~19째 spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com