Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA11021 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11021
Description  ~30째 medium beam optimized for Nichia NCSxx19.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11021 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11021 Datasheet HTML 1Page - Ledil, Inc. CA11021 Datasheet HTML 2Page - Ledil, Inc. CA11021 Datasheet HTML 3Page - Ledil, Inc. CA11021 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11021_TINA2-M
TINA2-M
~30°
medium
beam
optimized
for
Nichia
NCSxx19. Assembly with holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.3 mm
Fastening
tape, pin
Colour
black
Box size
451 x 241 x 298 mm
Box weight
0 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-M
Lens
PMMA
clear
TINA2-HLD-NCS19-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 13/07/2017
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11021

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA11022 LEDIL-CA11022 Datasheet
3Mb / 4P
~45째 wide beam optimized for Nichia NCSxx19.
logo
SHIELD s.r.l.
CA1102A00 SHIELD-CA1102A00 Datasheet
256Kb / 2P
For electrovalves, style A, 2p2G, female, with cable
CA1102V00 SHIELD-CA1102V00 Datasheet
256Kb / 2P
For electrovalves, style A, 2p2G, female, with cable
More results

Similar Description - CA11021

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Nichia NS6x83.
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA11022 LEDIL-CA11022 Datasheet
3Mb / 4P
~45째 wide beam optimized for Nichia NCSxx19.
CA11053 LEDIL-CA11053 Datasheet
2Mb / 5P
~35째 15째 oval beam optimized for Nichia NCSxx19.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
~30째 medium beam optimized for Nichia NS6x83.
CA11942 LEDIL-CA11942 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NCSxx19
CA12126 LEDIL-CA12126 Datasheet
5Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with black holder.
C14054 LEDIL-C14054 Datasheet
5Mb / 6P
~30째 medium beam optimized for Nichia NCSW219A with 4 optics
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
CP12672 LEDIL-CP12672 Datasheet
2Mb / 4P
~30째 medium beam optimized
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com