Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA12376 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12376
Description  ~20째 smooth spot beam. Assembly with holder and installation tape.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12376 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12376 Datasheet HTML 1Page - Ledil, Inc. CA12376 Datasheet HTML 2Page - Ledil, Inc. CA12376 Datasheet HTML 3Page - Ledil, Inc. CA12376 Datasheet HTML 4Page - Ledil, Inc. CA12376 Datasheet HTML 5Page - Ledil, Inc. CA12376 Datasheet HTML 6Page - Ledil, Inc. CA12376 Datasheet HTML 7Page - Ledil, Inc. CA12376 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
CA12376_TINA2-SS
TINA2-SS
~20° smooth spot beam. Assembly with holder
and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16 mm
Height
9.3 mm
Fastening
tape, pin
Colour
black
Box size
Box weight
0 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-SS
Lens
PMMA
clear
TINA2-HLD-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12376

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12376 CREE-CA12376 Datasheet
883Kb / 15P
Tina series
More results

Similar Description - CA12376

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
~6째 real spot beam. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com