Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTK75N30 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTK75N30
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK75N30 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTK75N30 Datasheet HTML 1Page - IXYS Corporation IXTK75N30 Datasheet HTML 2Page - IXYS Corporation IXTK75N30 Datasheet HTML 3Page - IXYS Corporation IXTK75N30 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
Advance Technical Information
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 1 mA
300
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2.0
4.0
V
I
GSS
V
GS
= ±20 V DC, V
DS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J = 25°C
50
µA
V
GS
= 0 V
T
J = 125°C
2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
42 m
Ω
Pulse test, t
≤ 300 ms, duty cycle d ≤ 2%
Features
•Low R
DS (on) HDMOS
TM process
•Ruggedpolysilicongatecellstructure
•Internationalstandardpackage
•Fastswitchingtimes
Applications
• Motorcontrols
• DC choppers
• Switched-mode power supplies
Advantages
• Easy to mount with one screw
(isolated mounting screw hole)
• Space savings
• High power density
DS99012(03/03)
High Current
MegaMOSTMFET
N-Channel Enhancement Mode
Symbol
Test conditions
Maximum ratings
V
DSS
T
J
= 25°C to 150°C
300
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
300
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C75
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
300
A
I
AR
T
C
= 25
°C75
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C
2.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
540
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
0.7/6
Nm/lb.in.
Weight
TO-264
10
g
TO-264 AA (IXTK)
S
G
D
D (TAB)
G = Gate
D
= Drain
S = Source
Tab = Drain
IXTK 75N30
V
DSS
= 300
V
I
D25
=
75
A
R
DS(on)
=
42 m
Ω
Ω
Ω
Ω
Ω


Similar Part No. - IXTK75N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTK75N30 ISC-IXTK75N30 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTK75N30

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com