Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5086GG Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5086GG
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086GG Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5086GG Datasheet HTML 6Page - Monolithic Power Systems MP5086GG Datasheet HTML 7Page - Monolithic Power Systems MP5086GG Datasheet HTML 8Page - Monolithic Power Systems MP5086GG Datasheet HTML 9Page - Monolithic Power Systems MP5086GG Datasheet HTML 10Page - Monolithic Power Systems MP5086GG Datasheet HTML 11Page - Monolithic Power Systems MP5086GG Datasheet HTML 12Page - Monolithic Power Systems MP5086GG Datasheet HTML 13Page - Monolithic Power Systems MP5086GG Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
13
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
IMON Resistor Selection
The current limit value can be set by IMON
resistor. The current limit can be gotten by
equation (1).
The current limit threshold is suggested to 10%
~ 15% higher than maximum load current. For
example, if the system’s full load is 7A, set the
current limit to 7.7A.
Design Example
Some design example and are provided below.
See Table 1 and Figure 5.
Table 1
VIN
(V)
Max Load Range
(A)
Rlimit
(kΩ)
5
3
26.1
5
5
15.8
5
7.5
10.5
Figure 5: Typical Application Schematic
Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference. Place RIMON
close to IMON pin, input cap close to VIN pin.
Put enough vias around IC to achieve better
thermal performance.
GND
EN
Vin
Vin
Vout
GND
GND
IMON
NTC
C1
C5
R1
GND
GND
OTP
C4
R2
C2
C3
Figure 6: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com