Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5092GD Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5092GD
Description  Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5092GD Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5092GD Datasheet HTML 3Page - Monolithic Power Systems MP5092GD Datasheet HTML 4Page - Monolithic Power Systems MP5092GD Datasheet HTML 5Page - Monolithic Power Systems MP5092GD Datasheet HTML 6Page - Monolithic Power Systems MP5092GD Datasheet HTML 7Page - Monolithic Power Systems MP5092GD Datasheet HTML 8Page - Monolithic Power Systems MP5092GD Datasheet HTML 9Page - Monolithic Power Systems MP5092GD Datasheet HTML 10Page - Monolithic Power Systems MP5092GD Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP5092 – DUAL 5.5V, 7.5A LOW RDSON LOAD SWITCH WITH OUTPUT DISCHARGE FUNCTION
MP5092 Rev. 1.0
www.MonolithicPower.com
7
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, VCC = 3.6V, RLIM=10.5k, TA = 25°C, unless otherwise noted.
VOUT
1V/div.
Enable Startup
VIN=1.8V, VCC=3.6V, No Load
Enable Startup
VIN=1.8V, VCC=3.6V, 7A Load
Enable Shutdown
VIN=1.8V, VCC=3.6V,No Load
Enable Shutdown
VIN=1.8V, VCC=3.6V, 7A Load
Enable Startup
VIN=1.1V, VCC=3.6V, No Load
VOUT
2V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
VOUT
2V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
VOUT
2V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
Enable Startup
VIN =3.6V, VCC=3.6V, No Load
Enable Shutdown
VIN =3.6V, VCC=3.6V, No Load
Enable Startup
VIN =3.6V, VCC=3.6V, 7A Load
VOUT
2V/div.
VEN
5V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
ILIM
500mV/div.
IOUT
5A/div.
VOUT
1V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
VOUT
1V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
VOUT
1V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
VOUT
1V/div.
VEN
5V/div.
ILIM
500mV/div.
IOUT
5A/div.
Enable Shutdown
VIN =3.6V, VCC=3.6V, 7A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com