Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5095 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5095
Description  Low IQ, Dual-Channel, 2.3A Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5095 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5095 Datasheet HTML 6Page - Monolithic Power Systems MP5095 Datasheet HTML 7Page - Monolithic Power Systems MP5095 Datasheet HTML 8Page - Monolithic Power Systems MP5095 Datasheet HTML 9Page - Monolithic Power Systems MP5095 Datasheet HTML 10Page - Monolithic Power Systems MP5095 Datasheet HTML 11Page - Monolithic Power Systems MP5095 Datasheet HTML 12Page - Monolithic Power Systems MP5095 Datasheet HTML 13Page - Monolithic Power Systems MP5095 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP5095
– LOW I
Q, DUAL-CHANNEL, 2.3A LOAD SWITCH
MP5095 Rev. 1.0
www.MonolithicPower.com
12
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB
Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 4 and
follow the guidelines below.
1. Place the caps close to the pins.
2. Place enough vias around the IC to achieve
better thermal performance.
GND
Vin1
Vin2
Vout1
Vout2
Vcc
EN1
EN2
GND
GND
C1(0805)
C2(0805)
Top Layer
GND
Bottom Layer
Figure 4: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com