Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05010WAST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05010WAST
Description  15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05010WAST Datasheet(HTML) 1 Page - Texas Instruments

  PTH05010WAST Datasheet HTML 1Page - Texas Instruments PTH05010WAST Datasheet HTML 2Page - Texas Instruments PTH05010WAST Datasheet HTML 3Page - Texas Instruments PTH05010WAST Datasheet HTML 4Page - Texas Instruments PTH05010WAST Datasheet HTML 5Page - Texas Instruments PTH05010WAST Datasheet HTML 6Page - Texas Instruments PTH05010WAST Datasheet HTML 7Page - Texas Instruments PTH05010WAST Datasheet HTML 8Page - Texas Instruments PTH05010WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For technical support and more information, visit http://power.ti.com
15-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS204C – MAY 2003 – REVISED DECEMBER 2003
Standard Application
Features
• Up to 15-A Output Current
• 5-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 3.6 V)
• Efficiencies up to 96 %
• 160 W/in³ Power Density
• On/Off Inhibit
• Output Voltage Sense
• Pre-Bias Startup
• Margin Up/Down Controls
Rset = Required to set the output voltage to a value
higher than 0.8 V. (See spec. table for values)
Cin = Required 470 µF capacitor
Cout = Optional 330 µF capactitor
• Auto-Track™ Sequencing
• Under-Voltage Lockout
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Operating Temp: –40 to +85 °C
• Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
• Point-of-Load Alliance (POLA)
Compatible
PTH05010
(Top View)
Margin Up
Margin Down
V
IN
L
O
A
D
C
IN
470 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
V
o Sense
Track
1
2
10
9
8
7
6
5
4
3
R
SET (Required)
0.1 W, 1 %
Description
The PTH05010 series of non-isolated
power modules are small in size but big on
performance and flexibility. Their high
output current, compact footprint, and
industry-leading features offers system
designers a versatile module for powering
complex multi-processor digital systems.
The series employs double-sided surface
mount construction and provides high-
performance step-down power conversion
for up to 15 A of output current from a
5-V input bus voltage. The output volt-
age of the PTH05010W can be set to any
value over the range, 0.8 V to 3.6 V, using
a single resistor.
This series includes Auto-Track™.
Auto-Track simplifies the task of supply
voltage sequencing in a power system by
enabling modules to track each other, or
any external voltage, during power up and
power down.
Other operating features include an
on/off inhibit, output voltage adjust (trim),
and margin up/down controls. To ensure
tight load regulation, an output voltage
sense is also provided. A non-latching
over-current trip serves as load fault
protection.
Target applications include complex
multi-voltage, multi-processor systems
that incorporate the industry’s high-speed
DSPs, micro-processors and bus drivers.
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2Vin
3
Inhibit *
4Vo Adjust
5Vo Sense
6Vout
7
GND
8
Track
9
Margin Down *
10
Margin Up *
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =1.37 in x 0.62 in
(34,8 mm x 15,75 mm)
PTH05010W —5-V Input


Similar Part No. - PTH05010WAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05010WAST ARTESYN-PTH05010WAST Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH05010WAST EMERSON-NETWORKPOWER-PTH05010WAST Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Artesyn Technologies
PTH05010WAST ARTESYN-PTH05010WAST Datasheet
593Kb / 5P
Embedded Power for Business-Critical Continuity
logo
Texas Instruments
PTH05010WAST TI2-PTH05010WAST Datasheet
583Kb / 19P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
PTH05010WAST.B TI2-PTH05010WAST.B Datasheet
583Kb / 19P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
More results

Similar Description - PTH05010WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05020W TI-PTH05020W Datasheet
516Kb / 17P
22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W Datasheet
297Kb / 16P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH10T05 ASTEC-ATH10T05 Datasheet
403Kb / 14P
10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05010W TI-PTH05010W_15 Datasheet
497Kb / 19P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05020W TI-PTH05020W_15 Datasheet
381Kb / 19P
22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com