Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWM1 Datasheet(PDF) 3 Page - Schurter Inc.

Part # SWM1
Description  Voltage selector switch, 3 stages, step switch, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWM1 Datasheet(HTML) 3 Page - Schurter Inc.

  SWM1 Datasheet HTML 1Page - Schurter Inc. SWM1 Datasheet HTML 2Page - Schurter Inc. SWM1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Voltage Selector
SWM1 (Frontpl)
https://www.schurter.com /PG04
Fuses
All Variants
Marking
Order Number
A
B
C
110
150
220
0033.4001
110
220
240
0033.4002
220
240
␣
0033.4003
200
220
240
0033.4004
220
240
250
0033.4006
100
115
230
0033.4008
█
220
230
240
0033.4011
␣
␣
␣
0033.4014
115
220
240
0033.4019
220 V
230 V
240 V
0033.4028
4
8
16
0033.4032
100
110
230
0033.4040
115
0
230
0033.4044
230
240
250
0033.4049
115 V
230 V
240 V
0033.4055
1
2
3
0033.4056
100
120
230-240
0033.4057
110
␣
230
0033.4062
█ Most Popular.
Availability for all products can be searched real-time:https://www.
schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
50 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com