Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWM2 Datasheet(PDF) 1 Page - Schurter Inc.

Part # SWM2
Description  Voltage selector switch, 3 stages, step switch, PCB mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWM2 Datasheet(HTML) 1 Page - Schurter Inc.

  SWM2 Datasheet HTML 1Page - Schurter Inc. SWM2 Datasheet HTML 2Page - Schurter Inc. SWM2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Voltage Selector
SWM2 (Print)
https://www.schurter.com /PG04
Fuses
Voltage selector switch, 3 stages, step switch, PCB mounting
Approvals and Compliances
Description
- Voltage Selector , 3 stages
- Step switch
- PCB terminals
References
Alternative: version for panel mounting SWM1 (Frontpl)
Technical Data
Ratings
IEC: 6.3 A / 250 VAC; 50 Hz
␣
UL: 10 A / 250 VAC; 60 Hz
␣
CSA: 10 A / 250 VAC; 60 Hz
Mounting
PCB Mounting
Terminal
Solder, THT
Number of Stages
3
Lifetime
300 operating cycles (without load)
Degree of Protection
from front side IP 40
Protection Class
Suitable for appliances with protection
class II acc. to IEC 61140
Allowable Operation Tempe-
rature
-40 °C to 85 °C
Climatic Category
25/85/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Weight
6.5 g
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Insulation Resistance
> 10'000M
Ω (500VDC; 1min)
Contact Resistance
< 10 m
Ω at 20 mV
Dielectric Strength
> 2kVAC between L-N
> 4kVAC between L/N-PE
(1min; 50Hz)
Clearance and Creepage Di-
stance
> 3mm
> 8mm between L/N-PE
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: SWM
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number:
UL Approvals
UL
UL File Number: E72661
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 508
Industrial control equipment
Designed according to
CSA C22.2 no. 55
Fuseholder general requirements


Similar Part No. - SWM2

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
SWM-04FX-MM-SC-D ORING-SWM-04FX-MM-SC-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
SWM-04FX-SS-SC-D ORING-SWM-04FX-SS-SC-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
SWM-04GC-D ORING-SWM-04GC-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
SWM-04GF-MM-SC-D ORING-SWM-04GF-MM-SC-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
SWM-04GF-SS-SC-D ORING-SWM-04GF-SS-SC-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
More results

Similar Description - SWM2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1 Datasheet
226Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
SWA1 SCHURTER-SWA1 Datasheet
232Kb / 3P
Voltage selector switch, 2 stages, serie-parallel, panel mounting
SWA2 SCHURTER-SWA2 Datasheet
230Kb / 3P
Voltage selector switch, 2 stages, series-parallel, PCB mounting
SWM1 SCHURTER-SWM1 Datasheet
301Kb / 3P
Voltage selector switch, 3 stages, step switch, panel mounting
SWP SCHURTER-SWP Datasheet
237Kb / 3P
Voltage selector switch, 6 stages, step switch, panel mounting
SWZ2 SCHURTER-SWZ2 Datasheet
229Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, PCB mounting
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
9001KS42K10 SCHNEIDER-9001KS42K10 Datasheet
123Kb / 2P
30MM KEY SELECTOR SWITCH 3- POSITION
Jan 4, 2022
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1_V01 Datasheet
246Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com