Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ2V4ASF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ2V4ASF
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ2V4ASF Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ2V4ASF Datasheet HTML 1Page - Diodes Incorporated DDZ2V4ASF Datasheet HTML 2Page - Diodes Incorporated DDZ2V4ASF Datasheet HTML 3Page - Diodes Incorporated DDZ2V4ASF Datasheet HTML 4Page - Diodes Incorporated DDZ2V4ASF Datasheet HTML 5Page - Diodes Incorporated DDZ2V4ASF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DDZ2V4ASF
– DDZ39DSF
Document number: DS31987 Rev. 20 - 2
1 of 6
www.diodes.com
May 2016
© Diodes Incorporated
DDZ2V4ASF
– DDZ39DSF
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Features
500mW Power Dissipation on FR-4 PCB
Very Tight Tolerance on VZ
Ideally Suited for Automated Assembly Processes
Totally Lead-Free & Fully RoHS Compliant (Notes 1 &2)
Halogen and Antimony Free. "Green" Device (Note 3)
Mechanical Data
Case: SOD323F
Case Material: Molded Plastic
, “Green Molding Compound”.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Band
Terminals: Finish
– Matte Tin Annealed over Copper Alloy
Leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.004 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DDZxx(x)xSF-7*
Commercial
SOD323F
3,000/Tape & Reel
*Add "-7" to the appropriate type number in Electrical Characteristics Table on Page 2. Example: DDZ10BSF-7.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com
/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
Code
X
Y
Z
A
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
XX = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
XX
SOD323F


Similar Part No. - DDZ2V4ASF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
More results

Similar Description - DDZ2V4ASF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 12
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 5
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 9
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com