Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14D88-R25 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STK14D88-R25
Description  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-R25 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STK14D88-R25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 13Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK14D88-R25 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
13
Internally, RECALL is a two-step procedure. First,
the SRAM data is cleared, and second, the
nonvolatile information is transferred into the SRAM
cells. After the tRECALL cycle time the SRAM will once
again be ready for READ and WRITE operations.
The RECALL operation in no way alters the data in
the nonvolatile elements.
PREVENTING AUTOSTORE
TM
The AutoStore™ function can be disabled by initiat-
ing an AutoStore Disable sequence. A sequence of
read operations is performed in a manner similar to
the software STORE initiation. To initiate the
AutoStore Disable
sequence, the following sequence
of E controlled read operations must be performed:
1. Read address
0x0E38
Valid READ
2. Read address
0x31C7
Valid READ
3. Read address
0x03E0
Valid READ
4. Read address
0x3C1F
Valid READ
5. Read address
0x303F
Valid READ
6. Read address
0x03F8
AutoStore Disable
The AutoStore™ can be re-enabled by initiating an
AutoStore Enable
sequence. A sequence of read
operations is performed in a manner similar to the
software RECALL initiation. To initiate the AutoStore
Enable
sequence, the following sequence of E
controlled read operations must be performed:
1. Read address
0x0E38
Valid READ
2. Read address
0x31C7
Valid READ
3. Read address
0x03E0
Valid READ
4. Read address
0x3C1F
Valid READ
5. Read address
0x303F
Valid READ
6.
Read address
0x07F0
AutoStore Enable
If the AutoStore™ function is disabled or re-enabled
a manual STORE operation (Hardware or Software)
needs to be issued to save the AutoStore state
through subsequent power down cycles. The part
comes from the factory with AutoStore™ enabled.
DATA PROTECTION
The STK14D88 protects data from corruption during
low-voltage conditions by inhibiting all externally
initiated STORE and WRITE operations. The low-
voltage condition is detected when VCC < VSWITCH .
If the STK14D88 is in a WRITE mode (both E and
W
low ) at power-up, after a RECALL, or after a
STORE, the WRITE will be inhibited until a negative
transition on E or W
is detected. This protects
against inadvertent writes during power up or brown
out conditions.
NOISE CONSIDERATIONS
The STK14D88 is a high-speed memory and so must
have
a
high-frequency
bypass
capacitor
of
approximately 0.1
µF connected between VCC and VSS,
using leads and traces that are as short as possible.
As with all high-speed CMOS ICs, careful routing of
power, ground and signals will reduce circuit noise.
LOW AVERAGE ACTIVE POWER
CMOS technology provides the STK14D88 this the
benefit of drawing significantly less current when it is
cycled at times longer than 50ns. Figure 5 shows the
relationship between ICC and READ/WRITE cycle
time. Worst-case current consumption is shown for
commercial temperature range, VCC = 3.6V, and chip
enable at maximum frequency. Only standby current
is drawn when the chip is disabled. The overall
average current drawn by the STK14D88 depends on
the following items:
1. The duty cycle of chip enable.
2. The overall cycle rate for accesses.
3. The ratio of READs to WRITEs.
4. The operating temperature.
5. The VCC level.
6. I/O loading.
100 150 200 300
0
10
20
30
40
50
Writes
Reads
Cycle Time (ns)
50
Figure 5 Current vs. Cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com