Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1583DN
Description  3A MP1583 Step Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1583DN Datasheet HTML 1Page - Monolithic Power Systems MP1583DN Datasheet HTML 2Page - Monolithic Power Systems MP1583DN Datasheet HTML 3Page - Monolithic Power Systems MP1583DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EV0015
3A MP1583
Step Down Converter
EV0015 Rev 1.0_11/21/02
www.monolithicpower.com
3
Monolithic Power Systems
Table 1: EV0015 Evaluation Board Schematic Bill of Materials
Parts
Component
Package
QTY
ICs
MP1583DS
U1
SOIC8
1
Capacitors
10nF, Ceramic
C1, C3
0603
2
10
µF, 35V, Ceramic
C2
1210
1
22
µF, 10V, Ceramic
C5
1210
1
100pF, 50V, Ceramic
C4
0603
1
Not Stuffed
C6, C7
0603
2
Resistors
10.5K
Ω, 1%
R1
0603
1
10K
Ω, 1%
R2, R3
0603
2
Not Stuffed
R4, R5
0603
2
Diodes
B340
D1
1812
1
Inductor
22
µH, Sumida
L1
CDRH104R-220
1
Table 2: Recommended components for standard output voltages
VOUT
R1
R3
L1 minimum
1.22V
Short
Open
6.8
µH
1.5V
2.2K
Ω
10K
Ω
6.8
µH
1.8V
4.7K
Ω
10K
Ω
10
µH
2.5V
10.5K
Ω
10K
Ω
10
µH
3.3V
17.0K
Ω
10K
Ω
15
µH
5.0V
30.9K
Ω
10K
Ω
22
µH
Note: Refer to the MP1583 Datasheet’s Table IV Inductor Selection Guide for choosing L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com