Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8190 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8190
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8190 Datasheet HTML 1Page - ON Semiconductor CS8190 Datasheet HTML 2Page - ON Semiconductor CS8190 Datasheet HTML 3Page - ON Semiconductor CS8190 Datasheet HTML 4Page - ON Semiconductor CS8190 Datasheet HTML 5Page - ON Semiconductor CS8190 Datasheet HTML 6Page - ON Semiconductor CS8190 Datasheet HTML 7Page - ON Semiconductor CS8190 Datasheet HTML 8Page - ON Semiconductor CS8190 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS8190
www.onsemi.com
2
BIAS
CP+
SQOUT
FREQIN
COS+
Charge Pump
Voltage
Regulator
SINE−
High Voltage
Protection
VREG
F/VOUT
CP−
VREG
GND
SINE+
Figure 1. Block Diagram
-
+
-
+
-
+
-
+
7.0 V
GND
GND
GND
+
-
-
+
Func.
Gen.
COS−
COS
Output
VCC
SINE
Output
Input
Comp.
ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
Supply Voltage, VCC
< 100 ms Pulse Transient
Continuous
60
24
V
V
Operating Temperature
−40 to +105
°C
Storage Temperature
−40 to +165
°C
Junction Temperature
−40 to +150
°C
ESD (Human Body Model)
4.0
kV
Lead Temperature Soldering: Wave Solder (through hole styles only) (Note 1)
Reflow: (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. 10 seconds maximum.
2. 60 second maximum above 183
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com