Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6820C Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF6820C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6820C Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF6820C Datasheet HTML 1Page - ON Semiconductor FDMF6820C Datasheet HTML 2Page - ON Semiconductor FDMF6820C Datasheet HTML 3Page - ON Semiconductor FDMF6820C Datasheet HTML 4Page - ON Semiconductor FDMF6820C Datasheet HTML 5Page - ON Semiconductor FDMF6820C Datasheet HTML 6Page - ON Semiconductor FDMF6820C Datasheet HTML 7Page - ON Semiconductor FDMF6820C Datasheet HTML 8Page - ON Semiconductor FDMF6820C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.onsemi.com
3
Pin Configuration
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
VSWH
43
VIN
42
CGND
41
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
PWM
DISB#
THWN#
CGND
GL
VSWH
VSWH
VSWH
VSWH
VSWH
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
VSWH
43
VIN
42
CGND
41
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
PWM
DISB#
THWN#
CGND
GL
VSWH
VSWH
VSWH
VSWH
VSWH
Figure 3.
Bottom View
Figure 4.
Top View
Pin Definitions
Pin #
Name
Description
1
SMOD#
When SMOD#=HIGH, the low -side driver is the inverse of the PWM input. When
SMOD#=LOW, the low -side driver is disabled. This pin has a 10 µA internal pull-up current
source. Do not add a noise filter capacitor.
2
VCIN
IC bias supply. Minimum 1 µF ceramic capacitor is recommended from this pin to CGND.
3
VDRV
Pow er for the gate driver. Minimum 1 µF ceramic capacitor is recommended to be connected
as close as possible from this pin to CGND.
4
BOOT
Bootstrap supply input. Provides voltage supply to the high-side MOSFET driver. Connect a
bootstrap capacitor from this pin to PHASE.
5, 37, 41
CGND
IC ground. Ground return for driver IC.
6
GH
For manufacturing test only. This pin must float; it must not be connected to any pin.
7
PHASE Sw itch node pin for bootstrap capacitor routing. Electrically shorted to VSWH pin.
8
NC
No connect. The pin is not electrically connected internally, but can be connected to VIN for
convenience.
9 - 14, 42
VIN
Pow er input. Output stage supply voltage.
15, 29 -
35, 43
VSWH
Sw itch node input. Provides return for high-side bootstrapped driver and acts as a sense point
for the adaptive shoot-through protection.
16 – 28
PGND
Pow er ground. Output stage ground. Source pin of the low -side MOSFET.
36
GL
For manufacturing test only. This pin must float; it must not be connected to any pin.
38
THWN#
Thermal w arning flag, open collector output. When temperature exceeds the trip limit, the
output is pulled LOW. THWN# does not disable the module.
39
DISB#
Output disable. When LOW, this pin disables the pow er MOSFET sw itching (GH and GL are
held LOW). This pin has a 10 µA internal pull-dow n current source. Do not add a noise filter
capacitor.
40
PWM
PWM signal input. This pin accepts a three-state 3.3 V PWM signal from the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com