Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6821B Datasheet(PDF) 12 Page - ON Semiconductor

Part # FDMF6821B
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6821B Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDMF6821B Datasheet HTML 8Page - ON Semiconductor FDMF6821B Datasheet HTML 9Page - ON Semiconductor FDMF6821B Datasheet HTML 10Page - ON Semiconductor FDMF6821B Datasheet HTML 11Page - ON Semiconductor FDMF6821B Datasheet HTML 12Page - ON Semiconductor FDMF6821B Datasheet HTML 13Page - ON Semiconductor FDMF6821B Datasheet HTML 14Page - ON Semiconductor FDMF6821B Datasheet HTML 15Page - ON Semiconductor FDMF6821B Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6821B • Rev. 1.0.0
11
Typical Performance Characteristics
Test Conditions: VCIN=5 V, VDRV=5 V, TA=25°C, and natural convection cooling, unless otherwise specified.
Figure 24.
DISB# Pull-Down Current vs.
Temperature
Figure 25.
Boot Diode Forward Voltage vs.
Temperature
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
VCIN = 5V
100
150
200
250
300
350
400
450
500
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
IF = 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com