Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1400GC Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1400GC
Description  7V Input, 0.6A, 1.5MHz Negative Power Convertor Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400GC Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1400GC Datasheet HTML 1Page - Monolithic Power Systems MP1400GC Datasheet HTML 2Page - Monolithic Power Systems MP1400GC Datasheet HTML 3Page - Monolithic Power Systems MP1400GC Datasheet HTML 4Page - Monolithic Power Systems MP1400GC Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV1400-C-01A
– 7V, 1.5MHz, 0.6A, BUCK-BOOST CONVERTER
EV1400-C-01A Rev.1.0
www.MonolithicPower.com
2
9/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP1400
105K
24.9K
4.7uH
EN
REF
VOUT
10uF
EN
IN
SW
GND
FB
VOUT
VIN
GND
D1
16V
MBR230
R3
100K
C1B
R1
R2
22uF
16V
C2A
L1
GND
GND
GND
22uF
16V
C2B
22uF
16V
C2C
10
R4
C1A
NS
C3
NS
C1C
NS
EV1400-J-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1A
10
μF
Ceramic
Cap.,
16V, X7R
1206
muRata
GRM31CR71C106KAC7L
3
C1B,
C1C, C3
NS
3
C2A,
C2B,C2C
22μF
Ceramic
Cap.,
10V, X5R
1210
muRata
GRM32ER61C226KE20L
1
R1
105K
Thick Film Res.,
1%
0603
ROYAL
RL0603FR-07105KL
1
R2
24.9K
Thick Film Res.,
1%
0603
ROYAL
RL0603FR-0724K9L
1
R3
100K
Thick Film Res.,
5%
0603
ROYAL
RL0603FR-07100KL
1
R4
10
Ω
Thick Film Res.,
1%
0603
ROYAL
RL0603FR-0710RL
D1
Schottky
2A30V
SOD-123
Onsemi
MBR230LSFT1
1
L1
4.7
μH
Inductor,
DCR=35m
Ω,
Is=3.9A
SMD
Wurth
7447789004
1
U1
MP1400-C
Buck-Boost
Convert
CSP_
0.8mm*1.6mm
MPS
MP1400GC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com